Electronic Components Datasheet Search
  English  ▼

X  

LTC6101 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC6101
Description  36V Low Cost High Side Current Sense in a SOT-23
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6101 Datasheet(HTML) 5 Page - Linear Technology

  LTC6101 Datasheet HTML 1Page - Linear Technology LTC6101 Datasheet HTML 2Page - Linear Technology LTC6101 Datasheet HTML 3Page - Linear Technology LTC6101 Datasheet HTML 4Page - Linear Technology LTC6101 Datasheet HTML 5Page - Linear Technology LTC6101 Datasheet HTML 6Page - Linear Technology LTC6101 Datasheet HTML 7Page - Linear Technology LTC6101 Datasheet HTML 8Page - Linear Technology LTC6101 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
LT6106
5
6106fa
Output Voltage Swing vs
Temperature
Step Response 0mV to 100mV
(RIN = 100Ω)
TYPICAL PERFORMANCE CHARACTERISTICS
Step Response 0mV to 50mV
(RIN = 500Ω)
Step Response 50mV to 500mV
(RIN = 500Ω)
Output Voltage vs Input Sense
Voltage (0mV ≤ VSENSE ≤ 10mV)
Step Response 10mV to 100mV
(RIN = 100Ω)
Step Response 50mV to 100mV
(RIN = 500Ω)
TEMPERATURE (°C)
–50
11.00
11.05
11.10
25
75
6106 G07
10.95
10.90
–25
0
50
100
125
10.85
10.80
V+ = 12V
AV = 100
RIN = 100Ω
ROUT = 10k
VSENSE = 120mV
VSENSE
200mV/DIV
VOUT
2V/DIV
0V
5μs/DIV
AV = 100
VOUT = 0V TO 10V
ROUT = 10k
V+ = 12V
6106 G1
VSENSE
200mV/DIV
VOUT
2V/DIV
0V
5μs/DIV
AV = 100
VOUT = 1V TO 10V
ROUT = 10k
V+ = 12V
6106 G1
VSENSE
100mV/DIV
VOUT
500mV/DIV
0V
5μs/DIV
AV = 20
VOUT = 1V TO 2V
ROUT = 10k
V+ = 12V
6106 G15
VSENSE
100mV/DIV
VOUT
500mV/DIV
0V
5μs/DIV
AV = 20
VOUT = 0V TO 1V
ROUT = 10k
V+ = 12V
6106 G16
VSENSE
1V/DIV
VOUT
2V/DIV
0V
5μs/DIV
AV = 20
VOUT = 1V TO 10V
ROUT = 10k
V+ = 12V
6106 G17
Step Response 0mV to 500mV
(RIN = 500Ω)
VSENSE
1V/DIV
VOUT
2V/DIV
0V
5μs/DIV
AV = 20
VOUT = 0V TO 10V
ROUT = 10k
V+ = 12V
6106 G18
VSENSE (mV)
0
600
800
1100
1000
89
6106 G19
400
200
500
700
900
300
100
0
2
4
6
1
3
5
7
10
V+ = 12V
AV = 100
RIN = 100Ω
ROUT = 10k
Output Voltage vs Input Sense
Voltage (0mV ≤ VSENSE ≤ 10mV)
VSENSE (mV)
0
120
160
220
200
89
6106 G20
80
40
100
140
180
60
20
0
2
4
6
1
3
5
7
10
V+ = 12V
AV = 20
RIN = 500Ω
ROUT = 10k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com