Electronic Components Datasheet Search
  English  ▼

X  

RFSA4013 Datasheet(PDF) 16 Page - Qorvo, Inc

Part # RFSA4013
Description  Temperature Compensating Attenuator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

RFSA4013 Datasheet(HTML) 16 Page - Qorvo, Inc

Back Button RFSA4013 Datasheet HTML 9Page - Qorvo, Inc RFSA4013 Datasheet HTML 10Page - Qorvo, Inc RFSA4013 Datasheet HTML 11Page - Qorvo, Inc RFSA4013 Datasheet HTML 12Page - Qorvo, Inc RFSA4013 Datasheet HTML 13Page - Qorvo, Inc RFSA4013 Datasheet HTML 14Page - Qorvo, Inc RFSA4013 Datasheet HTML 15Page - Qorvo, Inc RFSA4013 Datasheet HTML 16Page - Qorvo, Inc RFSA4013 Datasheet HTML 17Page - Qorvo, Inc  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
RFSA4013
Temperature Compensating Attenuator
Datasheet Rev F, January 25, 2024 | Subject to change without notice
16 of 17
www.qorvo.com
®
Tape and Reel Information
– Tape Length and Label Placement
Notes:
1. Empty part cavities at the trailing and leading ends are sealed with cover tape. See EIA 481-1-A.
2. Labels are placed on the flange opposite the sprockets in the carrier tape.
Tape and Reel Information
– Reel Dimensions
Standard T/R size = 2,500 pieces on a 7” reel.
Feature
Measure
Symbol
Size (in)
Size (mm)
Flange
Diameter
A
6.969
177.0
Thickness
W2
0.717
18.2
Space Between Flange
W1
0.504
12.8
Hub
Outer Diameter
N
2.283
58.0
Arbor Hole Diameter
C
0.512
13.0
Key Slit Width
B
0.079
2.0
Key Slit Diameter
D
0.787
20.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com