Electronic Components Datasheet Search
  English  ▼

X  

RFSW6042 Datasheet(PDF) 12 Page - Qorvo, Inc

Part # RFSW6042
Description  Low Insertion High Isolation SP4T Switch 5MHz to 6000MHz
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

RFSW6042 Datasheet(HTML) 12 Page - Qorvo, Inc

Back Button RFSW6042 Datasheet HTML 4Page - Qorvo, Inc RFSW6042 Datasheet HTML 5Page - Qorvo, Inc RFSW6042 Datasheet HTML 6Page - Qorvo, Inc RFSW6042 Datasheet HTML 7Page - Qorvo, Inc RFSW6042 Datasheet HTML 8Page - Qorvo, Inc RFSW6042 Datasheet HTML 9Page - Qorvo, Inc RFSW6042 Datasheet HTML 10Page - Qorvo, Inc RFSW6042 Datasheet HTML 11Page - Qorvo, Inc RFSW6042 Datasheet HTML 12Page - Qorvo, Inc  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
Revision DS20151009
- 12 of 12 -
Disclaimer: Subject to change without notice
© 2015 RF Micro Devices, Inc.
www.rfmd.com / www.qorvo.com
RFSW6042
Stencil, PCB Pattern (Dimensions in millimeters)
Branding Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com