Electronic Components Datasheet Search
  English  ▼

X  

RFSW6222 Datasheet(PDF) 2 Page - Qorvo, Inc

Part # RFSW6222
Description  50MHz to 3700MHz DPDT Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

RFSW6222 Datasheet(HTML) 2 Page - Qorvo, Inc

  RFSW6222 Datasheet HTML 1Page - Qorvo, Inc RFSW6222 Datasheet HTML 2Page - Qorvo, Inc RFSW6222 Datasheet HTML 3Page - Qorvo, Inc RFSW6222 Datasheet HTML 4Page - Qorvo, Inc RFSW6222 Datasheet HTML 5Page - Qorvo, Inc RFSW6222 Datasheet HTML 6Page - Qorvo, Inc RFSW6222 Datasheet HTML 7Page - Qorvo, Inc RFSW6222 Datasheet HTML 8Page - Qorvo, Inc RFSW6222 Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Classification | PRIVATE
RFSW6222
50 MHz to 3700 MHz Differential or Dual SPDT Switch
Datasheet, Rev. D, March 10, 2021 | Subject to change without notice
2 of 10
www.qorvo.com
®
Recommended Operating Conditions
Parameter
Min
Typ
Max Units
Device Voltage (VDD)
+2.4
+2.8
+3.5
V
TCASE
−30
+25
+90
°C
Electrical specifications are measured at specified test conditions.
Specifications are not guaranteed over all recommended operating
conditions.
Absolute Maximum Ratings
Parameter
Rating
Storage Temperature
−65 to +150 °C
RF Input Power,
Momentary Infrequent
50 Ω Load
+38 dBm
6:1 VSWR
+36dBm
RF Input Power,
Continuous
50 Ω Load
+36 dBm
6:1 VSWR
+35dBm
DC Supply Voltage (VDD)
+3.9 V
Control Voltage to Digital Input (CB1)
+3.0 V
Exceeding any one or a combination of the Absolute Maximum Rating
conditions may cause permanent damage to the device. Extended
application of Absolute Maximum Rating conditions to the device may
reduce device reliability.
Electrical Specifications
Parameter
Conditions
 (1)
Min
Typ
Max
Units
Operational Frequency Range
50
2700
MHz
Insertion Loss (2)
(RFx to RFxA/RFxB)
700 MHz to 960 MHz
0.26
0.40
dB
961 MHz to 1710 MHz
0.26
0.45
dB
1711 MHz to 2170 MHz
0.27
0.45
dB
2171 MHz to 2700 MHz
0.29
050
dB
Isolation
(RF1 to RF1A/RF1B)
700 MHz to 960 MHz
31
40
dB
961 MHz to 1710 MHz
25
36
dB
1711 MHz to 2170 MHz
25
30
dB
2171 MHz to 2700 MHz
25
30
dB
Isolation
(RF2 to RF2A/RF2B)
700 MHz to 960 MHz
31
40
dB
961 MHz to 1710 MHz
25
35
dB
1711 MHz to 2170 MHz
25
32
dB
2171 MHz to 2700 MHz
25
29
dB
Phase Balance
± 5
°
IP3
700 MHz to 2700MHz, +35dBm
70
dBm
Harmonics
2 x f0
f0 787 MHz, Pin 26 dBm
-79
dBc
3 x f0
f0 710 MHz, Pin 26 dBm
-84
dBc
2 x f0
f0 915 MHz, Pin 26 dBm
-107
-84
dBc
3 x f0
-106
-84
dBc
2 x f0
f0 915 MHz, Pin 35 dBm
-103
-76
dBc
3 x f0
-90
-76
dBc
2 x f0
f0 1980 MHz, Pin 26 dBm
-105
-86
dBc
3 x f0
-105
-86
dBc
2 x f0
f0 1980 MHz, Pin 32 dBm
-99
-76
dBc
3 x f0
-94
-76
dBc
2 x f0
f0 2570 MHz, Pin 26 dBm
-108
-86
dBc
3 x f0
-109
-86
dBc
2 x f0
f0 2690 MHz, Pin 26 dBm
-109
-86
dBc
3 x f0
-105
-86
dBc



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com