Electronic Components Datasheet Search
  English  ▼

X  

LTC1861 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1861
Description  Easy-to-Use, Ultra-Tiny 16-Bit ADC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1861 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC1861 Datasheet HTML 2Page - Linear Technology LTC1861 Datasheet HTML 3Page - Linear Technology LTC1861 Datasheet HTML 4Page - Linear Technology LTC1861 Datasheet HTML 5Page - Linear Technology LTC1861 Datasheet HTML 6Page - Linear Technology LTC1861 Datasheet HTML 7Page - Linear Technology LTC1861 Datasheet HTML 8Page - Linear Technology LTC1861 Datasheet HTML 9Page - Linear Technology LTC1861 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
LTC2450-1
6
24501fb
PIN FUNCTIONS
VCC (Pin 1): Positive Supply Voltage and Converter Refer-
ence Voltage. Bypass to GND (Pin 3) with a 10μF capacitor
in parallel with a low series inductance 0.1μF capacitor
located as close to the part as possible.
VIN (Pin 2): Analog Input Voltage.
GND (Pin 3): Ground. Connect to a ground plane through
a low impedance connection.
CS (Pin 4): Chip Select (Active LOW) Digital Input. A
LOW on this pin enables the SDO digital output. A HIGH
on this pin places the SDO output pin in a high imped-
ance state.
SDO (Pin 5): Three-State Serial Data Output. SDO is used
for serial data output during the DATA OUTPUT state and
can be used to monitor the conversion status.
SCK (Pin 6): Serial Clock Input. SCK synchronizes the serial
data output. While digital data is available (the ADC is not
in CONVERT state) and CS is LOW (ADC is not in SLEEP
state) a new data bit is produced at the SDO output pin
following every falling edge applied to the SCK pin.
Exposed Pad (Pin 7): Ground. The Exposed Pad must be
soldered to the same point as Pin 3.
Figure 1. Functional Block Diagram
SPI
INTERFACE
16 BIT ΔΣ
A/D
CONVERTER
INTERNAL
OSCILLATOR
REF +
CS
SDO
SCK
GND
VIN
VCC
VCC
REF –
24501 BD
FUNCTIONAL BLOCK DIAGRAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com