Electronic Components Datasheet Search
  English  ▼

X  

GMS Datasheet(PDF) 2 Page - Sensata Technologies, Inc.

Part # GMS
Description  17.5mm OUTPUT MODULES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

GMS Datasheet(HTML) 2 Page - Sensata Technologies, Inc.

  GMS Datasheet HTML 1Page - Sensata Technologies, Inc. GMS Datasheet HTML 2Page - Sensata Technologies, Inc. GMS Datasheet HTML 3Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Page 2
www.sensata.com
Copyright © 2018 Sensata Technologies, Inc.
GENERAL NOTES
(1)
Specifications apply to an ambient temperature of -30 to 80 °C unless otherwise noted.
(2)
Modules are current limited +/- 10% at 25°C.
(3)
Maximum 1 minute duration for AC modules when applied as a DC voltage rather than Peak AC voltage.
(4)
At maximum line voltage, 25°C for AC modules and 80°C for DC module.
(5)
Minimum dv/dt per EIA/NARM RS443, method RS397. dv/dt ratings do not apply to DC module.
(6)
At 25°C, derate AC modules by 50 mA/°C to 80°C; derate DC module by 21.5mA/°C to 80°C.
(7)
At 25°C, maximum duration: 1 AC cycle for AC modules, 1 second for DC module.
(8)
At maximum rated on-state current and 25°C.
(9)
At maximum line voltage, maximum rated output current, nominal input voltage, 25°C.
(10)
At 25°C for 1 second maximum duration.
Maximum Line Voltage
280 VAC
280 VAC
60 VDC
Max Off-State Voltage (3)
800 Vpeak
800 Vpeak
60 VDC
Max Off-State Leakage (4)
0.1mArms
0.1mArms
10 uA
Static Off-State dv/dt (5)
50 VAC/DC
50 VAC/DC
2.2 VDC
Maximum Rated On-State Current (6)
50 V/usec
50 V/usec
N/A
Minimum On-State Current
50 mArms
50 mArms
10 mA
Max Surge Current (7)
350 Apeak
350 Apeak
5.0 A
On-State Voltage Drop or Resistance (8)
1.85 V
1.85 V
1.6 V
Maximum Turn-On Time [msec] (9)
8.33
0.1
0.05
Maximum Turn-Off Time [msec] (9)
8.33
8.33
0.05
Input/Output Isolation Voltage (10)
4000 Vrms
4000 Vrms
4000 Vrms
Input/Output Capacitance
6 pF
6 pF
4 pF
Operating Temperature Range
-30 to 80°C
-30 to 80°C
-30 to 80°C
Storage Temperature Range
-40 to 100°C
-40 to 100°C
-40 to 100°C
Line Frequency Range
47 to 63 Hz
47 to 63 Hz
DC
Weight
1.1 oz. (31.2g)
1.1 oz. (31.2g)
1.1 oz. (31.2g)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com