Electronic Components Datasheet Search
  English  ▼

X  

SIL3 Datasheet(PDF) 1 Page - Sensata Technologies, Inc.

Part # SIL3
Description  INCREMENTAL ENCODERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

SIL3 Datasheet(HTML) 1 Page - Sensata Technologies, Inc.

  SIL3 Datasheet HTML 1Page - Sensata Technologies, Inc. SIL3 Datasheet HTML 2Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page 1
www.sensata.com
Copyright © 2018 Sensata Technologies, Inc.
• Never hard couple encoder to motor shaft. Always use flexible couplings to minimize
stress on encoder bearings.
• Avoid installing with shaft upright, liquid may pool and eventually cause internal leaking.
• When mounting the encoder secure the screws with ribbed lock washers and Thread
locker Loctite 243 or equivalent.
• For versions with connector, check to ensure there is no connector deformation and that
O-ring is in place in the connector housing, otherwise don’t use it. It is strong recommended
to orient the cable or connector downward to reduce the possibility of cable damage.
• Ensure that the connector screws are tight to ensure good electrical and mechanical
contact to avoid loosening of the connection over time.
GENERAL MECHANICAL PRECAUTIONS
|SIL3 PLe
INCREMENTAL ENCODERS
SAFETY INSTALLATION REQUIREMENTS
This Installation Guide is a simplified extract from the “Safety User Manual” chapter “4. Installation and start up”. It helps the user during the mounting process in order to safely mount and
use BEI SENSORS safety encoders in safety system loops. For detailed information consult the Safety User Manual, available upon request.
WARNING
Check that the external monitoring is compliant with the safety loop
prerequisites.
The safety encoder function requires that the four safety signals (AA/
and BB/ in digital versions or SS/ and CC/ in sine versions) are
connected to the safe PLC. Never leave one of these signals unused!
They must always be connected and used in the safety loop.
The channel 0 (Z and Z/) is not a part of the safety function! In case Z
and Z/ are not used in the application, connect each of them to pull
down 3kohms resistors connected to 0V.
Encoder’s specifications given in the datasheet or in the “Safety User
Manual” must never be exceeded.
In order to avoid the risk of sliding on the mating shaft, use positive locks
through a key on both ends for the solid shaft encoder and slots on the
hollow shaft encoder.
Never connect the encoder to mains (115V, 220V…)!
External Safety Loop Prerequisites
2WT
○
○
x(1)
x
x
x
5WT
○
○
x
x
x
2G2
○
○
x
x
x
x(1)
5G5
○
○
x
x
x(1)
5G2
○
○
x
x
x(1)
○: Prerequisite for all safety levels.
x: Additional prerequisite for SIL3/PLe.
(1)
: Not needed in case of SIL3/PLe speed without direction.
MECHANICAL MOUNTING PROCEDURE
DSO5
DSU9
Measure the driving shaft tolerance (H7) and check permissible
driving shaft runout:
User speed (rpm)
< 100
< 1500 < 4000
Permissible Runout (mm)
0.2
0.05
0.02
Recommended torque for the mounting of coupling devices “Stator Coupling” (SC) or
“Tether Arm” (TA):
SC: 1 x M3 (2N.m) + 1 x M4 (2.5N.m) -
TA: 3 x M3 or 3 x M4
SC: 2 x M5 (4.5N.m) - TA: 4 x M5
Encoder’s hollow shafts are machined with positive locks.
Slide the encoder shaft (with or without reduction sleeve) on
the driving shaft and check that the positive locks are in the
correct position for proper engagement.
When mounting the encoder, avoid compressing or extending the coupling device:
SC: 2 or 4 x M3 (2N.m) - TA: 3 x M6
(9N.m).
SC: 2 or 4 x M5 (4.5N.m) - TA: 1 x M8
(21N.m).
Tighten the clamping ring to the torque:
2N.m +/-10%
4.5N.m +/-10%
INSTALLATION GUIDE


Similar Part No. - SIL3

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
SIL30 ARTESYN-SIL30 Datasheet
119Kb / 3P
30A Non-Isolated DC/DC Converters
SIL30-12SADJ-V ARTESYN-SIL30-12SADJ-V Datasheet
119Kb / 3P
30A Non-Isolated DC/DC Converters
SIL30C ARTESYN-SIL30C Datasheet
132Kb / 3P
DC/DC CONVERTERS C Class Non-isolated
logo
Emerson Network Power
SIL30C EMERSON-NETWORKPOWER-SIL30C Datasheet
216Kb / 3P
DC-DC CONVERTERS C Class Non-isolated
logo
Artesyn Technologies
SIL30C-00SADJ-HJ ARTESYN-SIL30C-00SADJ-HJ Datasheet
793Kb / 4P
DC-DC CONVERTERS C Class Non-isolated
More results

Similar Description - SIL3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
P4111-AQ120 ETC1-P4111-AQ120 Datasheet
31Kb / 2P
Incremental Encoders
logo
Baumer IVO GmbH & Co. K...
G1I0H IVO-G1I0H Datasheet
566Kb / 4P
Incremental encoders
GE333 IVO-GE333 Datasheet
537Kb / 4P
Incremental encoders
GE355 IVO-GE355 Datasheet
526Kb / 4P
Incremental encoders
GI320 IVO-GI320 Datasheet
323Kb / 2P
Incremental encoders
GI321 IVO-GI321 Datasheet
366Kb / 2P
Incremental encoders
GI328 IVO-GI328 Datasheet
423Kb / 2P
Incremental encoders
GI331 IVO-GI331 Datasheet
592Kb / 4P
Incremental encoders
GI341 IVO-GI341 Datasheet
576Kb / 4P
Incremental encoders
X700.I113249 IVO-X700.I113249 Datasheet
415Kb / 2P
Incremental encoders
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com