Electronic Components Datasheet Search
  English  ▼

X  

HS151 Datasheet(PDF) 1 Page - Sensata Technologies, Inc.

Part # HS151
Description  PANEL MOUNT SOLID STATE RELAYS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

HS151 Datasheet(HTML) 1 Page - Sensata Technologies, Inc.

  HS151 Datasheet HTML 1Page - Sensata Technologies, Inc. HS151 Datasheet HTML 2Page - Sensata Technologies, Inc. HS151 Datasheet HTML 3Page - Sensata Technologies, Inc. HS151 Datasheet HTML 4Page - Sensata Technologies, Inc. HS151 Datasheet HTML 5Page - Sensata Technologies, Inc. HS151 Datasheet HTML 6Page - Sensata Technologies, Inc. HS151 Datasheet HTML 7Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
sensata.com
Copyright © 2025 Sensata Technologies, Inc.
Page 1
H1 SERIES | H12WD
PANEL MOUNT SOLID STATE RELAYS
Features
• Ratings from 25A to 125A @ 48-660 VAC
• Low o-state leakage current (snubberless)
• SCR output for heavy industrial loads
• Zero Voltage or instantaneous turn-on outputs
• UL/CSA/TUV Approved, CE Compliant to EN60950-1
• Improved SEMS screw and washer
• Redesigned housing with anti-rotation barriers
• DC control
• Direct bond copper substrate
• EMC Compliant to Level 3
• Direct power lead frame
• Epoxy free design
PRODUCT SELECTION
Control Voltage
4-32 VDC
25 A
H12WD4825
50 A
H12WD4850
75 A
H12WD4875
90 A
H12WD4890
125 A
H12WD48125
OUTPUT SPECIFICATIONS (5)
125 A
90 A
75 A
50 A
25 A
Description
Operating Voltage (47-440 Hz) [Vrms]
48-660
48-660
48-660
48-660
48-660
Transient Overvoltage [Vpk]
1200
1200
1200
1200
1200
Maximum O-State Leakage Current @ Rated Voltage [mArms]
1.0
1.0
1.0
1.0
1.0
Minimum O-State dv/dt @ Maximum Rated Voltage [V/µsec]
500
500
500
500
500
Maximum Load Current [Arms] (6)(3)
25
50
75
90
125
Minimum Load Current [mArms]
150
150
150
150
150
Maximum 1 Cycle Surge Current (50/60 Hz) [Apk]
239/250
597/625
954/1000
1145/1200
1670/1750
Maximum On-State Voltage Drop @ Rated Current [Vrms]
1.15
1.15
1.15
1.15
1.15
Thermal Resistance Junction to Case (Rjc) [°C/W]
0.8
0.45
0.3
0.27
0.22
Maximum 1/2 Cycle I² t for Fusing (50/60 Hz) [A² sec]
285/259
1779/1621
4555/4150
6560/5976
13950/12709
Minimum Power Factor (at Maximum Load) (7)
0.5
0.5
0.5
0.5
0.5
INPUT SPECIFICATIONS (5)
Description
DC Control
Control Voltage Range
4-32 VDC
Minimum Turn-On Voltage (7)
4.0 VDC
Must Turn-O Voltage
1 .0 VDC
Maximum Reverse voltage
-32 VDC
Minimum Input Current
7 mADC
Maximum Input Current
12 mADC
Nominal Input Impedance
Current Regulated
Maximum Turn-On Time [msec] (8)
1/2 Cycle
Maximum Turn-O Time [msec]
1/2 Cycle


Similar Part No. - HS151

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
HS151 CRYDOM-HS151 Datasheet
338Kb / 2P
DIN Rail Adapter fits Standard 35mm DIN Rail
HS151 CRYDOM-HS151 Datasheet
234Kb / 1P
HK1 contains 2 SSR mounting screws 8-32 x 3/8
HS151 CRYDOM-HS151 Datasheet
547Kb / 4P
Panel Mount
logo
Sensata Technologies, I...
HS151 SENSATA-HS151 Datasheet
183Kb / 3P
DIN RAIL OR PANEL MOUNT HEAT SINKS
Rev:10/17/24
HS151 SENSATA-HS151 Datasheet
620Kb / 7P
POWERPLUS DC SERIES | 100 VDC
07/09/2024 Rev. B
More results

Similar Description - HS151

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
700-SH ALLEN-BRADLEY-700-SH Datasheet
598Kb / 7P
Solid-State Relays
700-SF ALLEN-BRADLEY-700-SF Datasheet
374Kb / 4P
Solid-State Relays
700-SC ALLEN-BRADLEY-700-SC Datasheet
391Kb / 5P
Solid-State Relays
logo
Omron Electronics LLC
G3M OMRON-G3M Datasheet
419Kb / 8P
Solid State Relays
G3NE OMRON-G3NE_1 Datasheet
452Kb / 8P
Solid State Relays
logo
PHOENIX CONTACT
2982689 PHOENIX-2982689 Datasheet
168Kb / 4P
Solid-State Relays
logo
List of Unclassifed Man...
RSSDN-10A ETC2-RSSDN-10A Datasheet
221Kb / 4P
RSS Series-Panel Mount Solid State Relays
logo
TT Electronics.
OSSRD1001A TTELEC-OSSRD1001A Datasheet
586Kb / 15P
Solid State Relays
logo
GREEGOO Electric Co.,Lt...
GRV1024PW GREEGOO-GRV1024PW Datasheet
428Kb / 1P
Solid State Relays
logo
Sensata Technologies, I...
CX-SERIES SENSATA-CX-SERIES Datasheet
304Kb / 5P
PCB MOUNT SOLID STATE RELAYS
Rev. B
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com