Electronic Components Datasheet Search
  English  ▼

X  

LT3473 Datasheet(PDF) 5 Page - Linear Technology

Part # LT3473
Description  20mA LED Driver and OLED Driver with Integrated Schottky in 3mm x 2mm DFN
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3473 Datasheet(HTML) 5 Page - Linear Technology

  LT3473 Datasheet HTML 1Page - Linear Technology LT3473 Datasheet HTML 2Page - Linear Technology LT3473 Datasheet HTML 3Page - Linear Technology LT3473 Datasheet HTML 4Page - Linear Technology LT3473 Datasheet HTML 5Page - Linear Technology LT3473 Datasheet HTML 6Page - Linear Technology LT3473 Datasheet HTML 7Page - Linear Technology LT3473 Datasheet HTML 8Page - Linear Technology LT3473 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
LT3498
5
3498f
TEMPERATURE (
°C)
–50
2.5
25
3498 G10
2.2
2.0
–25
0
50
1.9
1.8
2.6
2.4
2.3
2.1
75
100
125
SWITCH CURRENT (mA)
0
0
50
100
150
200
300
50
100
150
200
3498 G11
250
300
250
T = –50
°C
T = 125
°C
T = 25
°C
SCHOTTKY FORWARD DROP (mV)
0
150
200
250
600
1200
1000
100
50
0
200
400
800
300
350
400
3498 G12
T = –50
°C
T = 125
°C
T = 25
°C
CTRL2 VOLTAGE (V)
0
0
2
6
8
10
1000
2000
18
4
500
1500
12
14
16
3498 G13
TEMPERATURE (
°C)
–50
–25
–6
–3
6
0
50
75
3498 G14
3
0
25
100
125
LOAD CURRENT (mA)
0
–0.5
0
0.5
30
50
–1.0
–1.5
–2.0
10
20
40
1.0
1.5
2.0
3498 G15
TEMPERATURE (
°C)
–50
70
25
3498 G16
40
20
–25
0
50
10
0
80
60
50
30
75
100
125
LOAD CURRENT (mA)
0.1
0
800
1000
1200
1
10
100
3498 G17
600
400
200
TEMPERATURE (
°C)
–50
550
25
3498 G18
400
300
–25
0
50
250
200
600
500
450
350
75
100
125
TYPICAL PERFORMANCE CHARACTERISTICS
LED Switching Frequency
vs Temperature
OLED Switch Saturation
Voltage (VCESAT2)
OLED Schottky Forward
Voltage Drop
VOUT2 vs VCTRL2
(VOUT2 = 16V)
VOUT2 vs Temperature
(VOUT2 = 16V)
VOUT2 Load Regulation
OLED Minimum
Switching Frequency
OLED Switching Frequency
vs Load Current
Peak Inductor Current
TA = 25°C, unless otherwise specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com