Electronic Components Datasheet Search
  English  ▼

X  

MP8712 Datasheet(PDF) 16 Page - Monolithic Power Systems

Part # MP8712
Description  High-Efficiency, 12A, 3V to 18V, Synchronous Step-Down Converter with Power Good, External Soft Start and OVP
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8712 Datasheet(HTML) 16 Page - Monolithic Power Systems

Back Button MP8712 Datasheet HTML 12Page - Monolithic Power Systems MP8712 Datasheet HTML 13Page - Monolithic Power Systems MP8712 Datasheet HTML 14Page - Monolithic Power Systems MP8712 Datasheet HTML 15Page - Monolithic Power Systems MP8712 Datasheet HTML 16Page - Monolithic Power Systems MP8712 Datasheet HTML 17Page - Monolithic Power Systems MP8712 Datasheet HTML 18Page - Monolithic Power Systems MP8712 Datasheet HTML 19Page - Monolithic Power Systems MP8712 Datasheet HTML 20Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 27 page
background image
MP8712 – 18V, 12A, SYNCHRONOUS STEP-DOWN CONVERTER
MP8712 Rev. 1.2
MonolithicPower.com
16
3/19/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
ESR is not large enough to be an effective
current-sense resistor. Ceramic capacitors
usually cannot be used as output capacitors.
The
MP8712
has
built-in
internal
ramp
compensation to ensure that the system is
stable even without the help of the output
capacitor’s ESR. A pure ceramic capacitor
solution can reduce output ripple, total BOM
cost, and board area significantly.
VCC Regulator
A 3.5V internal regulator powers most of the
internal
circuitries.
A
470nF
decoupling
capacitor is needed to stabilize the regulator
and reduce ripple. This regulator takes the VIN
input and operates in the full VIN range. After
EN is pulled high and VIN is greater than 3.5V,
the output of the regulator is in full regulation.
When VIN is lower than 3.5V, the output
voltage decreases and follows the input voltage.
A 0.47μF ceramic capacitor is required for
decoupling purposes.
Error Amplifier (EA)
The error amplifier (EA) compares the FB
voltage against the internal 0.6V reference
(REF) and outputs a PWM signal. The
optimized
internal
ramp
compensation
minimizes the external component count and
simplifies the control loop design.
Enable (EN)
EN is a digital control pin that turns the
regulator on and off. Drive EN high to turn on
the regulator; drive EN low to turn off the
regulator. An internal 1.5MΩ
resistor is
connected from EN to ground. EN can operate
with an 18V input voltage, which allows EN to
be connected to VIN directly for automatic start-
up.
Under-Voltage Lockout (UVLO)
Under-voltage lockout (UVLO) protects the chip
from operating at an insufficient supply voltage.
The MP8712 UVLO comparator monitors both
the input voltage (VIN) and the output voltage
(VOUT) of the VCC regulator. The MP8712 is
active when both voltages exceed the UVLO
rising threshold.
Soft Start (SS) and Pre-Bias Start-Up
Soft start prevents the converter output voltage
from overshooting during start-up. When the
chip starts up, the internal circuitry generates a
soft-start voltage (SS) that ramps up from 0V to
VCC. When SS is lower than REF, the error
amplifier uses SS as the reference. When SS is
higher than REF, the error amplifier uses REF
as the reference.
The approximate typical soft-start time can be
calculated with Equation (2):
ref
ss
ss
V(V) C (nF)
t(ms)
7A
(2)
If the output of the MP8712 is pre-biased to a
certain voltage during start-up, the IC disables
the switching of the high-side and low-side until
the voltage on the internal soft-start capacitor
exceeds the sensed output voltage at FB.
Over-Current Protection (OCP)
The MP8712 has hiccup, cycle-by-cycle, and
over-current limiting control. The current-limit
circuit employs both the high-side current limit
and the low-side (valley) current-sensing
algorithm. The MP8712 uses the RDS(ON) of the
LS-FET as a current-sensing element for the
valley current limit. If the magnitude of the high-
side current-sense signal is above the current-
limit threshold, the PWM on pulse is terminated,
and the low side is turned on. Afterward, the
inductor current is monitored by the voltage
between GND and SW. GND is used as the
positive current sensing node, so GND should
be connected to the source terminal of the
bottom MOSFET. PWM is not allowed to initiate
a new cycle before the inductor current falls to
the valley threshold.
After the cycle-by-cycle over-current limit
occurs, the output voltage drops until VOUT is
below
the
under-voltage
(UV)
threshold,
typically 60% below the reference. Once UV is
triggered, the MP8712 enters hiccup mode to
restart the part periodically. This protection
mode is especially useful when the output is
dead-shorted to ground. The average short-
circuit current is reduced greatly to alleviate
thermal issues and protect the regulator. The
MP8712 exits hiccup mode once the over-
current condition is removed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com