Electronic Components Datasheet Search
  English  ▼

X  

CSD95481RWJ Datasheet(PDF) 10 Page - Texas Instruments

Part # CSD95481RWJ
Description  CSD95481RWJ Synchronous Buck NexFET™ Smart Power Stage
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CSD95481RWJ Datasheet(HTML) 10 Page - Texas Instruments

Back Button CSD95481RWJ Datasheet HTML 6Page - Texas Instruments CSD95481RWJ Datasheet HTML 7Page - Texas Instruments CSD95481RWJ Datasheet HTML 8Page - Texas Instruments CSD95481RWJ Datasheet HTML 9Page - Texas Instruments CSD95481RWJ Datasheet HTML 10Page - Texas Instruments CSD95481RWJ Datasheet HTML 11Page - Texas Instruments CSD95481RWJ Datasheet HTML 12Page - Texas Instruments CSD95481RWJ Datasheet HTML 13Page - Texas Instruments CSD95481RWJ Datasheet HTML 14Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
.000 PKG
0
29X (0.6)
29X (0.25)
24X (0.45)
4X (
)
2.245
4X (
)
1.375
4X (
)
1.175
4X (
)
0.305
3X (
)
0.13
3X (
)
1.05
3X (
)
1.25
4X (
)
2.17
(
)
2.6
(
) TYP
3.2
(
) TYP
2.75
(
)
0.375
(
)
0.25
(
)
0.025
(
)
0.1
(
)
0.4
(
)
0.84
(
)
1.05
10X (0.25)
9X (0.45)
(R0.05) TYP
SOLDER PAST EXAMPLE
BASED ON 0.125 mm THICK STENCIL
PRINTED SOLDER COVERAGE BY AREA UNDER PACKAGE
EXPOSED
METAL
METAL UNDER
SOLDER MASK
TYP
SOLDER MASK
OPENING
TYP
EXPOSED
METAL
EXPOSED
METAL
1
6
9
10
19
20
29
24
25
30
39
40
41
7
10
CSD95481RWJ
SLPS674 – JUNE 2017
www.ti.com
Product Folder Links: CSD95481RWJ
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
9.3 Recommended Stencil Opening
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning
and tolerancing per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. Laser cutting apertures with trapezoidal walls and rounded corners may offer better paste release. IPC-7525
may have alternate design recommendations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com