Electronic Components Datasheet Search
  English  ▼

X  

CSD95482RWJT Datasheet(PDF) 1 Page - Texas Instruments

Part # CSD95482RWJT
Description  CSD95482RWJ Synchronous Buck NexFET™ Smart Power Stage
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CSD95482RWJT Datasheet(HTML) 1 Page - Texas Instruments

  CSD95482RWJT Datasheet HTML 1Page - Texas Instruments CSD95482RWJT Datasheet HTML 2Page - Texas Instruments CSD95482RWJT Datasheet HTML 3Page - Texas Instruments CSD95482RWJT Datasheet HTML 4Page - Texas Instruments CSD95482RWJT Datasheet HTML 5Page - Texas Instruments CSD95482RWJT Datasheet HTML 6Page - Texas Instruments CSD95482RWJT Datasheet HTML 7Page - Texas Instruments CSD95482RWJT Datasheet HTML 8Page - Texas Instruments CSD95482RWJT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
CSD95482RWJ
BOOT
BOOT_R
VOS
VSW
TAO
REFIN
IOUT
PGND
LSET
PVDD
VDD
EN/FCCM
PWM
VIN
CSD95482RWJ
BOOT
BOOT_R
VOS
VSW
TAO
REFIN
IOUT
PGND
LSET
PVDD
VDD
EN/FCCM
PWM
VIN
CSD95492QVM
BOOT
BOOT_R
VOS
VSW
TAO
REFIN
IOUT
PGND
LSET
PVDD
VDD
EN/FCCM
PWM
VIN
TPS53679
AVSP
AVSN
ADDR
PWM1
ASKIP#
ACSP1
TSEN
APWM6
ACSP6
VREF
BVSN
BVSP
BPWM1
BSKIP#
BCSP1
V3P3
VIN_CSNIN
CSPIN
BEN_VCCIO
SCLK
SDIO
SALERT#
PIN_ALT#
VR_HOT#
SMB_CLK
SMB_ALERT#
SMB_DIO
AVR_RDY
BVR_RDY
AVR_EN
VR_FAULT#
RESET#
AGND
VCCIO
P12V
P12V
P12V
P12V
3.3V
VREF
LOAD
LOAD
P5V
P5V
P5V
Copyright © 2017, Texas Instruments Incorporated
Output Current (A)
0
5
10
15
20
25
30
35
40
30
0
40
1
50
2
60
3
70
4
80
5
90
6
100
7
D000
VDD = 5 V
VIN = 12 V
VOUT = 1.2 V
LOUT = 220 nH
fSW = 500 kHz
TA = 25qC
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
CSD95482RWJ
SLPS688 – JUNE 2017
CSD95482RWJ Synchronous Buck NexFET™ Smart Power Stage
1
1 Features
1
•
40-A Continuous Operating Current Capability
•
Over 93.5% System Efficiency at 20 A
•
High-Frequency Operation (up to 1.25 MHz)
•
Diode Emulation Function
•
Temperature Compensated Bi-Directional Current
Sense
•
Analog Temperature Output
•
Fault Monitoring
•
3.3-V and 5-V PWM Signal Compatible
•
Tri-State PWM Input
•
Integrated Bootstrap Switch
•
Optimized Dead Time for Shoot-Through
Protection
•
High-Density QFN 5-mm × 6-mm Footprint
•
Ultra-Low Inductance Package
•
System Optimized PCB Footprint
•
Thermally Enhanced Topside Cooling
•
RoHS Compliant – Lead-Free Terminal Plating
•
Halogen Free
Application Diagram
2 Applications
•
Multiphase Synchronous Buck Converters
–
High-Frequency Applications
–
High-Current, Low-Duty Cycle Applications
•
POL DC-DC Converters
•
Memory and Graphic Cards
•
Desktop and Server VR12.x / VR13.x V-Core
Synchronous Buck Converters
3 Description
The CSD95482RWJ NexFET™ power stage is a
highly optimized design for use in a high-power, high-
density synchronous buck converter. This product
integrates the driver IC and power MOSFETs to
complete the power stage switching function. This
combination produces high-current, high-efficiency,
and high-speed switching capability in a small 5-mm
× 6-mm outline package. It also integrates the
accurate current sensing and temperature sensing
functionality to simplify system design and improve
accuracy. In addition, the PCB footprint has been
optimized to help reduce design time and simplify the
completion of the overall system design.
Device Information(1)
DEVICE
MEDIA
QTY
PACKAGE
SHIP
CSD95482RWJ
13-Inch Reel
2500
QFN
5.00-mm × 6.00-mm
Package
Tape
and
Reel
CSD95482RWJT
7-Inch Reel
250
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Typical Power Stage Efficiency and Power Loss


Similar Part No. - CSD95482RWJT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD95482RWJT TI1-CSD95482RWJT Datasheet
270Kb / 12P
Synchronous Buck NexFET Smart Power Stage
More results

Similar Description - CSD95482RWJT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD95481RWJ TI1-CSD95481RWJ Datasheet
809Kb / 15P
Synchronous Buck NexFET Smart Power Stage
CSD95492QVM TI1-CSD95492QVM Datasheet
774Kb / 14P
Synchronous Buck NexFET Smart Power Stage
CSD95495QVM TI1-CSD95495QVM Datasheet
774Kb / 14P
Synchronous Buck NexFET Smart Power Stage
CSD96497Q5MC TI1-CSD96497Q5MC Datasheet
249Kb / 11P
Synchronous buck NexFET smart power stage
CSD95410RRB TI-CSD95410RRB Datasheet
829Kb / 14P
CSD95410RRB Synchronous Buck NexFET™ Smart Power Stage
SEPTEMBER 2020
CSD95420RCB TI-CSD95420RCB Datasheet
1Mb / 15P
CSD95420RCB Synchronous Buck NexFET™ Smart Power Stage
NOVEMBER 2020
CSD95411 TI-CSD95411 Datasheet
1,019Kb / 15P
CSD95411 Synchronous Buck NexFET™ Smart Power Stage
JANUARY 2023
CSD96415 TI-CSD96415 Datasheet
805Kb / 11P
CSD96415RWJ Synchronous Buck NexFET™ Smart Power Stage
JANUARY 2023
CSD95430RRB TI1-CSD95430RRB Datasheet
1,000Kb / 12P
CSD95430RRB Synchronous Buck NexFET™ Smart Power Stage
JANUARY 2023
CSD96416 TI1-CSD96416 Datasheet
802Kb / 11P
CSD96416 Synchronous Buck NexFET™ Smart Power Stage
JANUARY 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com