Electronic Components Datasheet Search
  English  ▼

X  

ASM-1714 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # ASM-1714
Description  CON, SHROUDED SMA MALE R/ANGLE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

ASM-1714 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  ASM-1714 Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
.213
5.41
7.7
.30
2.7
.11
.12
3.0
RoHS Compliant 
COMPONENTS SHALL BE INDIVIDUALLY PACKAGED IN
NOTES:
ELECTRICAL:
APPLICATIONS: LMR195, RG58.
MISCELLANEOUS:
CABLE RETENTION: > 40 POUNDS
DURABILITY: > 500 CYCLE
VSWR: 1.3 MAX.
FREQUENCY RANGE: 0~6 GHz
WITHSTAND VOLTAGE: 2500V
ACCORDANCE WITH L-COM SPECIFICATIONS PS-0031.
ALL DIMENSIONS ARE FOR REFERENCE ONLY.
CRIMP SIZE
RECOMMENDED
RECOMMENDED
FERRULE
CABLE STRIPPING
IMPEDANCE: 50 OHMS
DESCRIPTION
MATERIAL
FINISH
BODY
BRASS
NICKEL
INSULATOR
PTFE
-
CENTER PIN
BRASS
GOLD
RETAINING RING
BRASS
-
GASKET
RUBBER
-
SHELL
BRASS
NICKEL
FERRULE
BRASS
NICKEL
CAP
BRASS
NICKEL
D.FRISIELLO
C
6
6/22/07
UNDIMENSIONED FEATURES
UNLESS OTHERWISE SPECIFIED,
12/5/12
4
D.FRISIELLO
CATEGORY
PRODUCT DESCRIPTION
DIMENSIONS ARE IN INCHES [mm]
CONFIGURATION DETAILS OF
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
PROJECTION
ASM-1714
ECN 6556: REVISED AND REDRAWN, NEW FORMAT
A
B
C
D
45 BEECHWOOD DRIVE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
APPROVED
5
NORTH ANDOVER, MA
7
K.BURGNER
C
DESCRIPTION
ASM-1714.SLDDRW
T.VADEN
DATE
12/4/12
REVISIONS
8
REV
1
2/1/07
CHANGED DRAWING TO INCLUDE A LARGER SHROUD
12/4/12
P.PESA
B
43321
MAY OCCUR
P.PESA
COAXIAL
3
MAY VARY
5
6
7
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
12/4/12
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
FSCM NO.
INITIAL RELEASE
CON, SHROUDED SMA MALE R/ANGLE
COLOR VARIATIONS
NONE
1
A
OVERALL CABLE LENGTH TOLERANCE:
≤12 [305] = +1 [25] / -0
>12 [305] ≤60 [1524] = +2 [51] / -0
>60 [1524] ≤120 [3048] = +4 [102] / -0
>120 [3048] ≤300 [7620] = +6 [152] / -0
>300 [7620] = +5% / -0%
ALL OTHER DIMENSIONAL TOLERANCES:
.X = ± .2
.XX = ± .02
.XXX = ±.005
.67
17.1
.61
15.5


Similar Part No. - ASM-1714

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
ASM-1710 L-COM-ASM-1710 Datasheet
46Kb / 1P
CON,SMA PLUG R/A LMR195, RG58
10/4/10
More results

Similar Description - ASM-1714

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
374003 ERNI-374003 Datasheet
46Kb / 1P
Male Con. R/3, 30 Solder
374856 ERNI-374856 Datasheet
46Kb / 1P
Male Con. R/3, 30 Solder
384586 ERNI-384586 Datasheet
48Kb / 1P
Male Con. C32 solder
logo
Pasternack Enterprises,...
PE35422 PASTERNACK-PE35422 Datasheet
229Kb / 3P
SMA Male Right Angle to SMA Male Right Angle
logo
Amphenol Corporation
7029-3379-3380 AMPHENOL-7029-3379-3380 Datasheet
90Kb / 1P
SMA R/A MALE TO SMA R/A MALE 횠.047 CABLE ASSEMBLY
7029-3381-3382 AMPHENOL-7029-3381-3382 Datasheet
89Kb / 1P
SMA R/A MALE TO SMA R/A MALE 횠.047 CABLE ASSEMBLY
logo
Amphenol SV Microwave
7029-3823-3824 SVMICROWAVE-7029-3823-3824 Datasheet
89Kb / 1P
SMA R/A MALE TO SMA R/A MALE Ø.047 CABLE ASSEMBLY
08/18/22
7029-3825-3826 SVMICROWAVE-7029-3825-3826 Datasheet
89Kb / 1P
SMA R/A MALE TO SMA R/A MALE T-FLEX 405 CABLE ASSEMBLY
08/18/22
7029-3379-3380 SVMICROWAVE-7029-3379-3380 Datasheet
90Kb / 1P
SMA R/A MALE TO SMA R/A MALE Ø.047 CABLE ASSEMBLY
01/20
7029-3381-3382 SVMICROWAVE-7029-3381-3382 Datasheet
89Kb / 1P
SMA R/A MALE TO SMA R/A MALE T-FLEX 405 CABLE ASSEMBLY
01/20
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com