Electronic Components Datasheet Search
  English  ▼

X  

ASMBJ1100 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # ASMBJ1100
Description  ASMBJ-1100
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

ASMBJ1100 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  ASMBJ1100 Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
REGULATORY COMPLIANCE:
EU RoHS DIRECTIVE (MOST RECENT RELEASED VERSION)
.128
3.25
.10
2.5
.25
6.3
.4
11.3
FERRULE CRIMP SIZE
RECOMMENDED
CABLE STRIPPING
REVISIONS
REV.
DESCRIPTION
DATE
APPROVED
B
ECN 10508:UPT FERRULE TO BRASS,
REVD VSWR TO 1.6 MAX@DC~4GHz
05/19/2020
SRAUTUS
± 1/32
ANGLES ± 1
°
PART NUMBER
ALL RIGHTS RESERVED.
N/A
1
FRACTIONS
.2
[5.08]
REV
UNLESS OTHERWISE SPECIFIED
DIMENSIONS IN [ ] ARE MILLIMETERS
CAGE
43321
SIZE
SCALE
A
B
LEADING DIMENSIONS ARE INCHES
SHEET
OF
1
.X=±
.XX=±
ARE FOR REFERENCE ONLY.
THIRD-ANGLE PROJECTION
ALL DIMENSIONS SHOWN
L-COM GLOBAL CONNECTIVITY.
.XXX=± .005 [ .13 ]
.01 [ .25 ]
THE INFORMATION AND
DESIGN IN THIS DOCUMENT
IS THE PROPERTY OF
TOLERANCES:
DFRISIELLO
THESE COMMODITIES, TECHNOLOGY OR SOFTWARE WERE EXPORTED FROM THE UNITED STATES IN ACCORDANCE WITH THE EXPORT
ASMBJ-1100
www.L-com.com
│e-mail: CustomerService@L-com.com
DRAWN BY
ADMINISTRATION REGULATIONS. DIVERSION CONTRARY TO U.S. LAW PROHIBITED.
50 High Street, West Mill, 3rd Floor, Suite #30
North Andover, MA 01845 USA.
Phone: 1.800.341.5266
│ 1.978.682.6936
Fax: 1.978.689.9484
T-Rev.B
(SOLDER TYPE)
FERRULE
CONTACT PIN
BODY
6.0
.24
16.36
.64
.24
6.0


Similar Part No. - ASMBJ1100

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ASMB-260 ADVANTECH-ASMB-260 Datasheet
845Kb / 2P
Intel® Atom® C3000 Mini-ITX Server Board with 4 DDR4, 1 PCIe x4, 8 SATA3, 4 USB 3.0, Dual 10GbE, IPMI
11-Mar-2019
ASMB-260I-21A1 ADVANTECH-ASMB-260I-21A1 Datasheet
845Kb / 2P
Intel® Atom® C3000 Mini-ITX Server Board with 4 DDR4, 1 PCIe x4, 8 SATA3, 4 USB 3.0, Dual 10GbE, IPMI
11-Mar-2019
ASMB-260I-22A1 ADVANTECH-ASMB-260I-22A1 Datasheet
845Kb / 2P
Intel® Atom® C3000 Mini-ITX Server Board with 4 DDR4, 1 PCIe x4, 8 SATA3, 4 USB 3.0, Dual 10GbE, IPMI
11-Mar-2019
ASMB-260I-22A1 ADVANTECH-ASMB-260I-22A1 Datasheet
966Kb / 2P
Mini 4 Bay Server Tower
27-Jun-2018
ASMB-260T2-22A1 ADVANTECH-ASMB-260T2-22A1 Datasheet
845Kb / 2P
Intel® Atom® C3000 Mini-ITX Server Board with 4 DDR4, 1 PCIe x4, 8 SATA3, 4 USB 3.0, Dual 10GbE, IPMI
11-Mar-2019
More results

Similar Description - ASMBJ1100

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
U2782B TEMIC-U2782B Datasheet
159Kb / 10P
1100 MHz Twin PLL
logo
KR Electronics, Inc.
3260-1100 KR-3260-1100 Datasheet
70Kb / 3P
1100 MHz Bandpass Filter
logo
Cherry Semiconductor Co...
JT-000WB-2 CHERRY-JT-000WB-2 Datasheet
180Kb / 2P
TC 1100 Smart Card
logo
Artesyn Technologies
DS1100SLPE ARTESYN-DS1100SLPE Datasheet
700Kb / 7P
1100 Watts Distributed Power System
DS1100PED-3 ARTESYN-DS1100PED-3 Datasheet
880Kb / 8P
1100 Watts Distributed Power System
DS1100SLPE-3-001 ARTESYN-DS1100SLPE-3-001 Datasheet
700Kb / 7P
1100 Watts Distributed Power System
logo
Kemet Corporation
C44UQGT7110M53K KEMET-C44UQGT7110M53K Datasheet
71Kb / 1P
C44U_M, Film, Metallized Polypropylene, DC Link, 1100 uF, 10%, 1100 VDC
logo
Molex Electronics Ltd.
63868-1100 MOLEX-63868-1100 Datasheet
224Kb / 5P
63868-1100 Fine Adjust Applicator
04-07-11
logo
PHOENIX CONTACT
1105772 PHOENIX-1105772 Datasheet
363Kb / 11P
Box PC - BL2 BPC 1100
Dec 2, 2022
2702534 PHOENIX-2702534 Datasheet
382Kb / 12P
Wireless module - FL WLAN 1100
Dec 6, 2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com