Electronic Components Datasheet Search
  English  ▼

X  

ASMBP-1100 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # ASMBP-1100
Description  CON SMB PLUG CRIMP LMR100, RG188
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

ASMBP-1100 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  ASMBP-1100 Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
.45
11.5
.23
5.8
.09
2.3
.128
3.25
°
ECN 10949: REVISED CRIMP SIZE FROM .040 TO.128
09/27/2010
DATE
A
B
C
D
SCALE:
SIZE
ITEM NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
ANGLES ± 1
DFRISIELLO
COLOR VARIATIONS
≤12 [305] = +1 [25] / -0
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
09/27/2010
K.BURGNER
ASMBP-1100
CAD FILE:
1
8
09/27/2010
REVISIONS
DESCRIPTION
APPROVED
REV
D
1
D
OVERALL CABLE LENGTH TOLERANCE:
CAGE CODE
SELLIS
CATEGORY
± 1/32
7
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
MAY VARY
NONE
01/27/2021
UNLESS OTHERWISE SPECIFIED,
COAXIAL
FRACTIONS
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
UNDIMENSIONED FEATURES
MAY OCCUR
PRODUCT DESCRIPTION
ALL OTHER DIMENSIONAL TOLERANCES:
50 High Street, West Mill,
Phone: 1.800.341.5266
>120 [3048] ≤300 [7620] = +6 [152] / -0
North Andover, MA 01845 USA.
>300 [7620] = +5% / -0
T-Rev.D
>60 [1524] ≤120 [3048] = +4 [102] / -0
THIRD-ANGLE PROJECTION
DIMENSIONS ARE IN INCHES [mm]
CONFIGURATION DETAILS OF
>12 [305] ≤60 [1524] = +2 [51] / -0
1.978.682.6936
43321
CON SMB PLUG CRIMP LMR100, RG188
ASMBP-1100.SLDDRW
.X =
.2 [5]
.XX =
.02 [.5]
.XXX =
.005 [.13]
(SOLDER TYPE)
FERRULE
CONTACT PIN
BODY
16.8
.66
.26
6.5
CRIMP FERRULE SIZE
RECOMMENDED
CABLE STRIPPING
D
NOTES:
ELECTRICAL:
IMPEDANCE: 50 OHM
FREQUENCY RANGE: DC ~ 4 GHz (USEABLE TO 10 GHz)
VSWR: 1.2 MAX. @ DC ~ 4 GHz
DIELECTRIC WITHSTANDING VOLTAGE: 1,000 Vrms
DURABILITY: 500 CYCLES MIN.
MISCELLANEOUS:
APPLICATIONS: LMR100, RG174/U, RG188A/U, RG316/U.
ALL DIMENSIONS ARE FOR REFERENCE ONLY.
COMPONENT SHALL BE INDIVIDUALLY PACKAGED IN
ACCORDANCE WITH L-COM SPECIFICATION PS-0031.
DESCRIPTION
MATERIAL
FINISH
BODY
BRASS
NICKEL PLATE
INSULATOR
TEFLON
WHITE
BRAID HOLDER
BRASS
NICKEL PLATE
CONTACT PIN
BURYILLIUM COPPER
GOLD PLATE
FERRULE
COPPER
NICKEL PLATE
C-RING
BURYILLIUM COPPER
-


Similar Part No. - ASMBP-1100

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
ASMBP-1102 L-COM-ASMBP-1102 Datasheet
78Kb / 1P
ASMBP-1102
02/19/2020
More results

Similar Description - ASMBP-1100

ManufacturerPart #DatasheetDescription
logo
Winchester Electronics ...
SD510-900-0631H WINCHESTER-SD510-900-0631H Datasheet
126Kb / 1P
STRAIGHT CRIMP / CRIMP SMB PLUG
logo
Pasternack Enterprises,...
PE33143 PASTERNACK-PE33143 Datasheet
277Kb / 1P
CABLE ASSEMBLY RG188-DS SMB PLUG TO SMB PLUG RIGHT ANGLE
PE3721LF PASTERNACK-PE3721LF Datasheet
279Kb / 1P
CABLE ASSEMBLY RG188-SD SMB PLUG TO SMB PLUG(LEAD FREE)
PE3721 PASTERNACK-PE3721 Datasheet
269Kb / 1P
CABLE ASSEMBLY RG188-DS SMB PLUG TO SMB PLUG
PE4046 PASTERNACK-PE4046 Datasheet
262Kb / 3P
SMB Plug Connector Crimp/Solder Attachment For RG174, RG316, RG188
PE34489 PASTERNACK-PE34489 Datasheet
116Kb / 1P
CABLE ASSEMBLY RG188-DS SMB PLUG TO SMB JACK BULKHEAD
logo
List of Unclassifed Man...
BU-P72981 ETC2-BU-P72981 Datasheet
196Kb / 1P
SMB Plug Crimp Installation
logo
Pasternack Enterprises,...
PE4052 PASTERNACK-PE4052 Datasheet
282Kb / 3P
SMB Plug Right Angle Connector Crimp - Solder Attachment For RG174, RG316, RG188
PE44792 PASTERNACK-PE44792 Datasheet
265Kb / 3P
SMB Plug Connector Crimp - Solder Attachment For RG316-DS, RG188-DS
PE34477LF PASTERNACK-PE34477LF Datasheet
262Kb / 1P
CABLE ASSEMBLY, RG188-DS, SMB PLUG
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com