Electronic Components Datasheet Search
  English  ▼

X  

LTC2485 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC2485
Description  Easy-to-Use, Ultra-Tiny 16-Bit ADC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2485 Datasheet(HTML) 4 Page - Linear Technology

  LTC2485 Datasheet HTML 1Page - Linear Technology LTC2485 Datasheet HTML 2Page - Linear Technology LTC2485 Datasheet HTML 3Page - Linear Technology LTC2485 Datasheet HTML 4Page - Linear Technology LTC2485 Datasheet HTML 5Page - Linear Technology LTC2485 Datasheet HTML 6Page - Linear Technology LTC2485 Datasheet HTML 7Page - Linear Technology LTC2485 Datasheet HTML 8Page - Linear Technology LTC2485 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
LTC2450-1
4
24501fb
TYPICAL PERFORMANCE CHARACTERISTICS
Integral Nonlinearity
Integral Nonlinearity
Maximum INL vs Temperature
Offset Error vs Temperature
Gain Error vs Temperature
Transition Noise vs Temperature
Transition Noise vs Output Code
Conversion Mode Power Supply
Current vs Temperature
INPUT VOLTAGE (V)
0
–3.0
–2.0
–1.0
0
1.0
3.0
1.5
2.5
3.5
24501 G01
4.5
0.5 1.0
2.0
3.0
4.0
5.0
2.0
–2.5
–1.5
–0.5
0.5
2.5
1.5
VCC = VREF = 5V
TA = –45°C, 25°C, 90°C
INPUT VOLTAGE (V)
0
–3.0
–2.0
–1.0
0
1.0
3.0
0.5
1.0
1.5
2.0
24501 G02
2.5
3.0
2.0
–2.5
–1.5
–0.5
0.5
2.5
1.5
VCC = VREF = 3V
TA = –45°C, 25°C, 90°C
TEMPERATURE (°C)
–50
2.0
5.0
25
75
100
24501 G03
1.0
0.5
4.0
3.0
1.5
4.5
0
3.5
2.5
–25
0
50
VCC = 5V
VCC = 4.1V
VCC = 3V
TEMPERATURE (°C)
–50
7
6
5
4
3
2
1
0
25
75
24501 G04
–25
0
50
100
VCC = 4.1V
VCC = 2.7V
VCC = 5.5V
TEMPERATURE (°C)
–50
–1
0
1
2
3
5
–25
025
50
24501 G05
75
100
4
VCC = 4.1V
VCC = 2.7V
VCC = 5.5V
TEMPERATURE (°C)
–50
1.50
3.00
10
70
90
24501 G06
1.00
0.25
0.50
0.75
2.50
2.00
1.25
2.75
0
2.25
1.75
–30
–10
30
50
VCC = 5V
VCC = 4.1V
VCC = 3V
OUTPUT CODE (NORMALIZED TO FULL SCALE)
0
1.50
3.00
0.80
1.00
24501 G07
1.00
0.25
0.50
0.75
2.50
2.00
1.25
2.75
0
2.25
1.75
0.20
0.40
0.60
VCC = 5V
VCC = 3V
TA = 25°C
TEMPERATURE (°C)
–45
–25
0
200
500
–5
35
55
24501 G08
100
400
300
15
75
95
VCC = 5V
VCC = 3V
VCC = 4.1V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com