Electronic Components Datasheet Search
  English  ▼

X  

DAC5652MPFBREP Datasheet(PDF) 15 Page - Texas Instruments

Part # DAC5652MPFBREP
Description  DUAL 10-BIT, 200 MSPS, DIGITAL-TO-ANALOG CONVERTER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC5652MPFBREP Datasheet(HTML) 15 Page - Texas Instruments

Back Button DAC5652MPFBREP Datasheet HTML 11Page - Texas Instruments DAC5652MPFBREP Datasheet HTML 12Page - Texas Instruments DAC5652MPFBREP Datasheet HTML 13Page - Texas Instruments DAC5652MPFBREP Datasheet HTML 14Page - Texas Instruments DAC5652MPFBREP Datasheet HTML 15Page - Texas Instruments DAC5652MPFBREP Datasheet HTML 16Page - Texas Instruments DAC5652MPFBREP Datasheet HTML 17Page - Texas Instruments DAC5652MPFBREP Datasheet HTML 18Page - Texas Instruments DAC5652MPFBREP Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 30 page
background image
DA[9:0]/DB[9:0]
tLAT
tPD
ts
WRTA/WRTB
CLKA/CLKB
IOUT
or
IOUT
tLPH
Valid Data
tsu
th
DAC5652-EP
www.ti.com
SGLS341C – JUNE 2006 – REVISED APRIL 2013
DIGITAL INPUTS AND TIMING (continued)
Figure 16. Dual-Bus-Mode Operation
Single Bus Interleaved Data Interface and Timing
In single bus interleaved mode, the MODE pin is connected to DGND. Figure 17 shows the timing diagram. In
interleaved mode, the A and B channels share the write input (WRTIQ) and update clock (CLKIQ and internal
CLKDACIQ). Multiplexing logic directs the input word at the A channel input bus to either the A channel input
latch (SELECTIQ is high) or to the B channel input latch (SELECTIQ is low). When SELECTIQ is high, the data
value in the B channel latch is retained by presenting the latch output data to its input again. When SELECTIQ is
low, the data value in the A channel latch is retained by presenting the latch output data to its input.
In interleaved mode, the A channel input data rate is twice the update rate of the DAC core. As in dual-bus
mode, it is important to maintain a correct sequence of write and clock inputs. The edge triggered flip-flops latch
the A channel and B channel input words on the rising edge of the write input (WRTIQ). This data is presented to
the A and B DAC latches on the following falling edge of the write inputs. The DAC5652 clock input is divided by
a factor of two before it is presented to the DAC latches.
Correct pairing of the A channel and B channel data is done by RESETIQ. In interleaved mode, the clock input
CLKIQ is divided by two, which would translate to a nondeterministic relation between the rising edges of the
CLKIQ and CLKDACIQ. RESETIQ ensures, however, that the correct position of the rising edge of CLKDACIQ,
with respect to the data at the input of the DAC latch, is determined. CLKDACIQ is disabled (low) when
RESETIQ is high.
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Links: DAC5652-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com