Electronic Components Datasheet Search
  English  ▼

X  

DAC5652MPFBEP Datasheet(PDF) 1 Page - Texas Instruments

Part # DAC5652MPFBEP
Description  DUAL 10-BIT, 200 MSPS, DIGITAL-TO-ANALOG CONVERTER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC5652MPFBEP Datasheet(HTML) 1 Page - Texas Instruments

  DAC5652MPFBEP Datasheet HTML 1Page - Texas Instruments DAC5652MPFBEP Datasheet HTML 2Page - Texas Instruments DAC5652MPFBEP Datasheet HTML 3Page - Texas Instruments DAC5652MPFBEP Datasheet HTML 4Page - Texas Instruments DAC5652MPFBEP Datasheet HTML 5Page - Texas Instruments DAC5652MPFBEP Datasheet HTML 6Page - Texas Instruments DAC5652MPFBEP Datasheet HTML 7Page - Texas Instruments DAC5652MPFBEP Datasheet HTML 8Page - Texas Instruments DAC5652MPFBEP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
DAC5652-EP
www.ti.com
SGLS341C – JUNE 2006 – REVISED APRIL 2013
DUAL 10-BIT, 200 MSPS, DIGITAL-TO-ANALOG CONVERTER
Check for Samples: DAC5652-EP
1
FEATURES
APPLICATIONS
•
10-Bit Dual Transmit Digital-to-Analog
•
Cellular Base Transceiver Station Transmit
Converter (DAC)
Channel
•
200 MSPS Update Rate
–
CDMA: W-CDMA, CDMA2000, IS-95
•
Single Supply: 3 V to 3.6 V
–
TDMA: GSM, IS-136, EDGE/UWC-136
•
High Spurious-Free Dynamic Range (SFDR):
•
Medical/Test Instrumentation
80 dBc at 5 MHz
•
Arbitrary Waveform Generators (ARB)
•
High Third-Order Two-Tone Intermodulation
•
Direct Digital Synthesis (DDS)
(IMD3): 78 dBc at 15.1 MHz and 16.1 MHz
•
Cable Modem Termination System (CMTS)
•
Independent or Single Resistor Gain Control
•
Dual or Interleaved Data
SUPPORTS DEFENSE, AEROSPACE,
AND MEDICAL APPLICATIONS
•
On-Chip 1.2 V Reference
•
Controlled Baseline
•
Low Power: 290 mW
•
One Assembly and Test Site
•
Power-Down Mode: 9 mW
•
One Fabrication Site
•
Package: 48-Pin Thin Quad Flat Pack (TQFP)
•
Available in Military (–55°C to 125°C)
Temperature Range
•
Extended Product Life Cycle
•
Extended Product-Change Notification
•
Product Traceability
DESCRIPTION/ORDERING INFORMATION
The DAC5652 is a monolithic, dual channel, 10-bit, high speed, digital-to-analog converter (DAC) with on-chip
voltage reference.
Operating with update rates of up to 200 MSPS, the DAC5652 offers exceptional dynamic performance, tight
gain, and offset matching characteristics that make it suitable in either I/Q baseband or direct IF communication
applications.
Each DAC has a high impedance differential current output, suitable for single ended or differential analog-output
configurations. External resistors allow scaling of the full-scale output current for each DAC separately or
together, typically between 2 mA and 20 mA. An accurate on-chip voltage reference is temperature-compensated
and delivers a stable 1.2 V reference voltage. Optionally, an external reference may be used.
The DAC5652 has two 10-bit parallel input ports with separate clocks and data latches. For flexibility, the
DAC5652 also supports multiplexed data for each DAC on one port when operating in the interleaved mode.
The DAC5652 has been specifically designed for a differential transformer coupled output with a 50
Ω doubly
terminated load. For a 20 mA full scale output current, both a 4:1 impedance ratio (resulting in an output power
of 4 dBm) and 1:1 impedance ratio transformer (–2 dBm output power) are supported.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - DAC5652MPFBEP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC5652MPFBEP TI1-DAC5652MPFBEP Datasheet
643Kb / 27P
DUAL 10-BIT 200-MSPS DIGITAL-TO-ANALOG CONVERTER
More results

Similar Description - DAC5652MPFBEP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC5662 TI-DAC5662 Datasheet
299Kb / 22P
DUAL, 12-BIT 200 MSPS DIGITAL-TO-ANALOG CONVERTER
DAC5672 TI-DAC5672 Datasheet
818Kb / 23P
DUAL, 14-BIT 200 MSPS DIGITAL - TO - ANALOG CONVERTER
DAC5652-EP TI1-DAC5652-EP Datasheet
643Kb / 27P
DUAL 10-BIT 200-MSPS DIGITAL-TO-ANALOG CONVERTER
DAC5662-EP TI1-DAC5662-EP Datasheet
670Kb / 29P
DUAL 12-BIT 200-MSPS DIGITAL-TO-ANALOG CONVERTER
DAC5672-EP TI1-DAC5672-EP Datasheet
1Mb / 27P
DUAL 14-BIT 200-MSPS DIGITAL-TO-ANALOG CONVERTER
logo
Analog Devices
AD9601BCPZ-250 AD-AD9601BCPZ-250 Datasheet
1Mb / 32P
10-Bit, 200 MSPS/250 MSPS 1.8 V Analog-to-Digital Converter
REV. 0
AD9601 AD-AD9601 Datasheet
1Mb / 32P
10-Bit, 200 MSPS/250 MSPS 1.8 V Analog-to-Digital Converter
REV. 0
AD9601 AD-AD9601_15 Datasheet
1Mb / 32P
10-Bit, 200 MSPS/250 MSPS 1.8 V Analog-to-Digital Converter
REV. 0
logo
Texas Instruments
DAC5652-EP TI-DAC5652-EP_15 Datasheet
636Kb / 28P
DUAL 10-BIT, 200 MSPS, DIGITAL-TO-ANALOG CONVERTER
DAC5672-EP TI-DAC5672-EP_15 Datasheet
1Mb / 28P
DUAL 14-BIT 200-MSPS DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com