Electronic Components Datasheet Search
  English  ▼

X  

DAC5652MPFBEP.A Datasheet(PDF) 2 Page - Texas Instruments

Part # DAC5652MPFBEP.A
Description  DUAL 10-BIT, 200 MSPS, DIGITAL-TO-ANALOG CONVERTER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC5652MPFBEP.A Datasheet(HTML) 2 Page - Texas Instruments

  DAC5652MPFBEP.A Datasheet HTML 1Page - Texas Instruments DAC5652MPFBEP.A Datasheet HTML 2Page - Texas Instruments DAC5652MPFBEP.A Datasheet HTML 3Page - Texas Instruments DAC5652MPFBEP.A Datasheet HTML 4Page - Texas Instruments DAC5652MPFBEP.A Datasheet HTML 5Page - Texas Instruments DAC5652MPFBEP.A Datasheet HTML 6Page - Texas Instruments DAC5652MPFBEP.A Datasheet HTML 7Page - Texas Instruments DAC5652MPFBEP.A Datasheet HTML 8Page - Texas Instruments DAC5652MPFBEP.A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
DE-
MUX
DA[9:0]
DB[9:0]
MODE
GSET
Latch A
Latch B
10−b DAC
10−b DAC
IOUTA1
IOUTA2
IOUTB1
IOUTB2
1.2 V Reference
WRTB
WRTA
CLKB
CLKA
BIASJ_A
BIASJ_B
EXTIO
DVDD
DGND
AVDD
AGND
SLEEP
DAC5652-EP
SGLS341C – JUNE 2006 – REVISED APRIL 2013
www.ti.com
DESCRIPTION/ORDERING INFORMATION (CONTINUED)
The DAC5652 is available in a 48-pin thin quad flat pack (TQFP). Pin compatibility between family members
provides 10-bit (DAC5652), 12-bit (DAC5662), and 14-bit (DAC5672) resolution. Furthermore, the DAC5652 is
pin compatible to the DAC2900 and AD9763 dual DACs. The device is characterized for operation over the
military temperature range of –55°C to 125°C.
FUNCTIONAL BLOCK DIAGRAM
Table 1. ORDERING INFORMATION(1)
TA
PACKAGE(2)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
Tape and reel
DAC5652MPFBREP
DAC5652EP
–55°C to 125°C
48-PIN TQFP
Tape
DAC5652MPFBEP
DAC5652EP
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
(2)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
2
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: DAC5652-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com