Electronic Components Datasheet Search
  English  ▼

X  

DAC5652MPFBREP.A Datasheet(PDF) 4 Page - Texas Instruments

Part # DAC5652MPFBREP.A
Description  DUAL 10-BIT, 200 MSPS, DIGITAL-TO-ANALOG CONVERTER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC5652MPFBREP.A Datasheet(HTML) 4 Page - Texas Instruments

  DAC5652MPFBREP.A Datasheet HTML 1Page - Texas Instruments DAC5652MPFBREP.A Datasheet HTML 2Page - Texas Instruments DAC5652MPFBREP.A Datasheet HTML 3Page - Texas Instruments DAC5652MPFBREP.A Datasheet HTML 4Page - Texas Instruments DAC5652MPFBREP.A Datasheet HTML 5Page - Texas Instruments DAC5652MPFBREP.A Datasheet HTML 6Page - Texas Instruments DAC5652MPFBREP.A Datasheet HTML 7Page - Texas Instruments DAC5652MPFBREP.A Datasheet HTML 8Page - Texas Instruments DAC5652MPFBREP.A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
0.1
1
10
100
1000
100
110
120
130
140
150
160
Electromigration Fail Mode
Wirebond Voiding Fail Mode
Continuous TJ − 5C
DAC5652-EP
SGLS341C – JUNE 2006 – REVISED APRIL 2013
www.ti.com
TERMINAL FUNCTIONS (continued)
TERMINAL
I/O
DESCRIPTION
NAME
NO.
WRTB/SELECTIQ
20
I
Input write signal for PORT B (SELECTIQ in interleaving mode)
PFB PACKAGE THERMAL CHARACTERISTICS
PARAMETER
Thermal resistance, junction to ambient
65.3°C/W
Thermal resistance, junction to case
16.4°C/W
Figure 1. DAC5652MPFB Operating Life Derating Chart
4
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: DAC5652-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com