Electronic Components Datasheet Search
  English  ▼

X  

LTC1844 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1844
Description  1.1A, Low Noise, Low Dropout Linear Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1844 Datasheet(HTML) 1 Page - Linear Technology

  LTC1844 Datasheet HTML 1Page - Linear Technology LTC1844 Datasheet HTML 2Page - Linear Technology LTC1844 Datasheet HTML 3Page - Linear Technology LTC1844 Datasheet HTML 4Page - Linear Technology LTC1844 Datasheet HTML 5Page - Linear Technology LTC1844 Datasheet HTML 6Page - Linear Technology LTC1844 Datasheet HTML 7Page - Linear Technology LTC1844 Datasheet HTML 8Page - Linear Technology LTC1844 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LT1965
1
1965f
OUTPUT CURRENT (A)
0
0
100
200
300
0.2
0.4
0.6
0.8
1
400
50
150
250
350
1.2
1965 TA01b
TJ = 25°C
TYPICAL APPLICATION
FEATURES
APPLICATIONS
DESCRIPTION
1.1A, Low Noise,
Low Dropout Linear Regulator
The LT®1965 is a low noise, low dropout linear regulator.
The device supplies 1.1A of output current with a 290mV
typical dropout voltage. Operating quiescent current is
500μA, reducing to <1μA in shutdown. Quiescent current
is well controlled; it does not rise in dropout as with many
other regulators. The LT1965 regulator has very low out-
put noise which makes it ideal for sensitive RF and DSP
supply applications.
Output voltage ranges from 1.20V to 19.5V. The LT1965
regulator is stable with output capacitors as low as 10μF.
Internal protection circuitry includes reverse battery pro-
tection, current limiting with foldback, thermal limiting
and reverse current protection. The LT1965 is available
as an adjustable device with a 1.20V reference voltage.
The package offering includes the 5-lead TO-220, 5-lead
DD-PAK as well as the thermally enhanced 8-lead MSOP
and 8-lead 3mm × 3mm DFN.
3.3V to 2.5V Regulator
■
Output Current: 1.1A
■
Dropout Voltage: 290mV
■
Low Noise: 40μVRMS (10Hz to 100kHz)
■
500μA Quiescent Current
■
Wide Input Voltage Range: 1.8V to 20V
■
No Protection Diodes Needed
■
Controlled Quiescent Current in Dropout
■
Adjustable Output from 1.20V to 19.5V
■
< 1μA Quiescent Current in Shutdown
■
Stable with 10μF Output Capacitor
■
Stable with Ceramic, Tantalum or Aluminum
Electrolytic Capacitors
■
Reverse Battery Protection
■
No Reverse Current
■
Current Limit with Foldback Protection
■
Thermal Limiting
■
5-Lead TO-220, DD-PAK, Thermally Enhanced 8-Lead
MSOP and 8-Lead 3mm × 3mm DFN Packages
■
Logic Power Supplies
■
Post Regulator for Switching Supplies
■
Low Noise Instrumentation
, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
Dropout Voltage
IN
SHDN
10μF*
*CERAMIC, TANTALUM OR
ALUMINUM ELECTROLYTIC
1965 TA01
OUT
VIN > 3V
TO 20V
ADJ
GND
LT1965
2.5V
1.1A
10μF*
+
+
5.11k
1%
4.75k
1%


Similar Part No. - LTC1844

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1844 LINER-LTC1844 Datasheet
209Kb / 12P
150mA, Micropower, Low Noise, VLDO Linear Regulator
LTC1844 LINER-LTC1844 Datasheet
251Kb / 14P
500mA Micropower VLDO Linear Regulators Fast Transient Recovery
LTC1844 LINER-LTC1844 Datasheet
286Kb / 24P
Dual 150mA Positive/Negative Low Noise
LTC1844 LINER-LTC1844 Datasheet
263Kb / 20P
3關A IQ, 20mA Low Dropout Linear Regulators
LTC1844 LINER-LTC1844 Datasheet
370Kb / 28P
1.5A Low Noise Fast Transient Response LDO Regulators
More results

Similar Description - LTC1844

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1730 AIC-AIC1730 Datasheet
222Kb / 12P
Low Noise Low Dropout, 150mA Linear Regulator
logo
Maxim Integrated Produc...
MAX1598 MAXIM-MAX1598 Datasheet
363Kb / 9P
Low-Noise, Low-Dropout, 200mA Linear Regulator
Rev 0; 10/02
logo
Eutech Microelectronics...
EUP7965 EUTECH-EUP7965 Datasheet
375Kb / 15P
150mA Low-Noise Low-Dropout Linear Regulator
EUP7967A EUTECH-EUP7967A Datasheet
202Kb / 9P
300mA Low-Noise Low-Dropout Linear Regulator
logo
Linear Technology
LT1965 LINER-LT1965_1 Datasheet
237Kb / 20P
1.1A, Low Noise, Low Dropout Linear Regulator
logo
Linear Integrated Syste...
LT1965EMS8E LINEAR-LT1965EMS8E Datasheet
908Kb / 22P
1.1A, Low Noise, Low Dropout Linear Regulator
logo
Linear Technology
LT1965EMS8E LINER-LT1965EMS8E Datasheet
245Kb / 20P
1.1A, Low Noise, Low Dropout Linear Regulator
LT1965 LINER-LT1965_15 Datasheet
981Kb / 22P
1.1A, Low Noise, Low Dropout Linear Regulator
logo
Sangdest Microelectroni...
SULR1730 SMC-SULR1730 Datasheet
335Kb / 12P
150mA, Low Noise, Low Dropout Linear Regulator
logo
Analog Intergrations Co...
AIC1730 AIC-AIC1730_15 Datasheet
269Kb / 12P
150mA, Low Noise, Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com