Electronic Components Datasheet Search
  English  ▼

X  

DAC7616EB Datasheet(PDF) 10 Page - Texas Instruments

Part # DAC7616EB
Description  Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC7616EB Datasheet(HTML) 10 Page - Texas Instruments

Back Button DAC7616EB Datasheet HTML 6Page - Texas Instruments DAC7616EB Datasheet HTML 7Page - Texas Instruments DAC7616EB Datasheet HTML 8Page - Texas Instruments DAC7616EB Datasheet HTML 9Page - Texas Instruments DAC7616EB Datasheet HTML 10Page - Texas Instruments DAC7616EB Datasheet HTML 11Page - Texas Instruments DAC7616EB Datasheet HTML 12Page - Texas Instruments DAC7616EB Datasheet HTML 13Page - Texas Instruments DAC7616EB Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
10
DAC7616
SBAS186
THEORY OF OPERATION
The DAC7616 is a quad, serial input, 12-bit, voltage output
DAC. The architecture is a classic R-2R ladder configuration
followed by an operational amplifier that serves as a buffer.
Each DAC has its own R-2R ladder network and output op
amp, but all share the reference voltage inputs. The minimum
voltage output (“zero-scale”) and maximum voltage output
(“full-scale”) are set by external voltage references (VREFL
and VREFH, respectively). The digital input is a 16-bit serial
word that contains the 12-bit DAC code and a 2-bit address
code that selects one of the four DACs (the two remaining
bits are unused). The converter can be powered from a single
+3V supply. Each device offers a reset function which imme-
diately sets all DAC output voltages and internal registers to
either zero-scale (code 000H) or mid-scale (code 800H). The
reset code is selected by the state of the RESETSEL pin
(LOW = 000H, HIGH = 800H). See Figure 1 for the basic
operation of the DAC7616.
ANALOG OUTPUTS
The output of the DAC7616 can swing to ground. Note that
the settling time of the output op amp will be longer with
voltages very near ground. Also, care must be taken when
measuring the zero-scale error. If the output amplifier has
a negative offset, the output voltage may not change for the
first few digital input codes (000H, 001H, 002H, etc.) since
the output voltage cannot swing below ground.
The behavior of the output amplifier can be critical in some
applications. Under short-circuit conditions (DAC output
shorted to VDD), the output amplifier can sink more current
than it can source. See the Specifications table for more
details concerning short-circuit current.
REFERENCE INPUTS
The minimum output of each DAC is equal to VREFL
plus a small offset voltage (essentially, the offset of
the output op amp). The maximum output is equal to
VREFH – 1LSB plus a similar offset voltage.
The current into the reference inputs depends on the DAC
output voltages and can vary from a few microamps to
approximately 0.4 milliamp. Bypassing the reference volt-
age or voltages with a 0.1
µF capacitor placed as close as
possible to the DAC7616 package is strongly recommended.
FIGURE 1. Basic Single-Supply Operation of the DAC7616.
NOTES: (1) U package pin configuration shown. (2) As configured, RESET LOW sets all internal registers
to code 000
H (0V). If RESETSEL is HIGH, RESET LOW sets all internal registers to code 800H (1.25V).
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
V
DD
V
OUTD
V
OUTC
V
REFL
V
REFH
V
OUTB
V
OUTA
AGND
RESETSEL
RESET
LDAC
NIC
CS
CLK
SDI
GND
Reset DACs(2)
Update Selected Register
Chip Select
Clock
Serial Data In
DAC7616(1)
0.1
µF
0.1
µF
0V to +1.25V
1
µF to 10µF
+3V
+
0V to +1.25V
0V to +1.25V
0V to +1.25V
+1.25V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com