Electronic Components Datasheet Search
  English  ▼

X  

LT1963 Datasheet(PDF) 11 Page - Linear Technology

Part # LT1963
Description  1.1A, Low Noise, Low Dropout Linear Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1963 Datasheet(HTML) 11 Page - Linear Technology

Back Button LT1963 Datasheet HTML 7Page - Linear Technology LT1963 Datasheet HTML 8Page - Linear Technology LT1963 Datasheet HTML 9Page - Linear Technology LT1963 Datasheet HTML 10Page - Linear Technology LT1963 Datasheet HTML 11Page - Linear Technology LT1963 Datasheet HTML 12Page - Linear Technology LT1963 Datasheet HTML 13Page - Linear Technology LT1963 Datasheet HTML 14Page - Linear Technology LT1963 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
LT1965
11
1965f
APPLICATIONS INFORMATION
The following tables list thermal resistance for several
different board sizes and copper areas. All measurements
were taken in still air on 1/16" FR-4 board with one ounce
copper.
Table 1. Measured Thermal Resistance for DFN Package
Copper Area
Thermal Resistance
Topside*
Backside
Board Area
(Junction-to-Ambient)
2500mm2
2500mm2
2500mm2
60°C/W
1000mm2
2500mm2
2500mm2
62°C/W
225mm2
2500mm2
2500mm2
65°C/W
100mm2
2500mm2
2500mm2
68°C/W
50mm2
2500mm2
2500mm2
70°C/W
*Device is mounted on topside
Table 2. Measured Thermal Resistance for MSOP Package
Copper Area
Thermal Resistance
Topside*
Backside
Board Area
(Junction-to-Ambient)
2500mm2
2500mm2
2500mm2
55°C/W
1000mm2
2500mm2
2500mm2
57°C/W
225mm2
2500mm2
2500mm2
60°C/W
100mm2
2500mm2
2500mm2
65°C/W
50mm2
2500mm2
2500mm2
68°C/W
*Device is mounted on topside
Table 3. Measured Thermal Resistance for DD-PAK Package
Copper Area
Thermal Resistance
Topside*
Backside
Board Area
(Junction-to-Ambient)
2500mm2
2500mm2
2500mm2
25°C/W
1000mm2
2500mm2
2500mm2
30°C/W
125mm2
2500mm2
2500mm2
35°C/W
*Device is mounted on topside
Measured Thermal Resistance for TO-220 Package
Thermal Resistance (Junction-to-Case) = 3°C/W
Calculating Junction Temperature
Example: Given an output voltage of 2.5V, an input voltage
range of 3.3V ± 5%, an output current range of 0mA to
500mA and a maximum ambient temperature of 85°C,
what will the maximum junction temperature be?
The power dissipated by the device equals:
IOUT(MAX) • (VIN(MAX) – VOUT) + IGND • VIN(MAX)
where:
IOUT(MAX) = 500mA
VIN(MAX) = 3.465V
IGND at (IOUT = 500mA, VIN = 3.465V) = 8.2mA
So,
P = 500mA(3.465V – 2.5V) + 8.2mA(3.465V) = 0.511W
Using a DFN package, the thermal resistance will be in
the range of 60°C/W to 70°C/W depending on the cop-
per area. So the junction temperature rise above ambient
approximately equals:
0.511W • 65°C/W = 33.22°C
The maximum junction temperature equals the maximum
ambient temperature plus the maximum junction tempera-
ture rise above ambient or:
TJMAX = 85°C + 33.22°C = 118.22°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com