Electronic Components Datasheet Search
  English  ▼

X  

DAC7731EC/1K Datasheet(PDF) 6 Page - Texas Instruments

Part # DAC7731EC/1K
Description  16-Bit, Voltage Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC7731EC/1K Datasheet(HTML) 6 Page - Texas Instruments

Back Button DAC7731EC/1K Datasheet HTML 2Page - Texas Instruments DAC7731EC/1K Datasheet HTML 3Page - Texas Instruments DAC7731EC/1K Datasheet HTML 4Page - Texas Instruments DAC7731EC/1K Datasheet HTML 5Page - Texas Instruments DAC7731EC/1K Datasheet HTML 6Page - Texas Instruments DAC7731EC/1K Datasheet HTML 7Page - Texas Instruments DAC7731EC/1K Datasheet HTML 8Page - Texas Instruments DAC7731EC/1K Datasheet HTML 9Page - Texas Instruments DAC7731EC/1K Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
DAC7731
6
SBAS249B
www.ti.com
TYPICAL CHARACTERISTICS (Cont.)
TA = +25°C (unless otherwise noted).
3.4
3.3
3.2
3.1
3.0
2.9
2.8
2.7
0000
H 2000H
4000
H 6000H 8000H
Digital Input Code
A000
H C000H E000H FFFFH
V
CC SUPPLY CURRENT vs DIGITAL INPUT CODE
Bipolar Configuration: V
OUT = –10V to +10V
External Reference, REFEN = 5V, T
A = 25°C
–1.50
–1.75
–2.00
–2.25
–2.50
–2.75
0000
H 2000H
4000
H 6000H 8000H
Digital Input Code
A000
H C000H E000H FFFFH
V
SS SUPPLY CURRENT vs DIGITAL INPUT CODE
Bipolar Configuration: V
OUT = –10V to +10V
T
A = 25°C
SUPPLY CURRENT vs TEMPERATURE
Load Current Excluded
V
CC = +15V, VSS = –15V
Bipolar V
OUT Configuration: –10V to +10V
I
CC
I
SS
7
6
5
4
3
2
1
0
–1
–2
–3
–40
–15
10
35
60
85
Temperature (
°C)
1800
1600
1400
1200
1000
800
600
400
200
0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
V
LOGIC (V)
SUPPLY CURRENT vs LOGIC INPUT VOLTAGE
T
A = 25°C, Transition
Shown for a Single
Input (Applies to CS,
SCLK,D
IN and LDAC
inputs)
100
90
80
70
60
50
40
30
20
10
0
HISTOGRAM OF V
CC CURRENT CONSUMPTION
3.000
3.500
4.000
4.500
5.000
I
CC (mA)
Bipolar Output Configuration
Internal Reference Enabled
Code = 5555
H
100
90
80
70
60
50
40
30
20
10
0
HISTOGRAM OF V
SS CURRENT CONSUMPTION
–3.50
–3.00
–2.50
–2.00
–1.50
I
SS (mA)
Bipolar Output Configuration
Internal Reference Enabled
Code = 5555
H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com