Electronic Components Datasheet Search
  English  ▼

X  

DIT4096 Datasheet(PDF) 13 Page - Texas Instruments

Part # DIT4096
Description  96kHz Digital Audio Transmitter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DIT4096 Datasheet(HTML) 13 Page - Texas Instruments

Back Button DIT4096 Datasheet HTML 9Page - Texas Instruments DIT4096 Datasheet HTML 10Page - Texas Instruments DIT4096 Datasheet HTML 11Page - Texas Instruments DIT4096 Datasheet HTML 12Page - Texas Instruments DIT4096 Datasheet HTML 13Page - Texas Instruments DIT4096 Datasheet HTML 14Page - Texas Instruments DIT4096 Datasheet HTML 15Page - Texas Instruments DIT4096 Datasheet HTML 16Page - Texas Instruments DIT4096 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
DIT4096
13
SBOS225A
www.ti.com
SCLKR
Master Mode SCLK Frequency (Defaults to 0)
When set to 0, the SCLK frequency is set to
64 • fS.
When set to 1, the SCLK frequency is set to
128 • fS.
WLEN[1:0]
Audio Data Word Length
These bits are used to set the audio data word
length for both Left and Right channels.
WLEN1
WLEN0
Length
0
0
24 Bits (default)
0
1
20 Bits
1
0
18 Bits
1
1
16 Bits
JUS
Audio Data Justification (Defaults to 0)
When set to 0, the audio data is Left-Justified
with respect to the SYNC edges.
When set to 1, the audio data is Right-Justified
with respect to the SYNC edges.
DELAY
Audio Data Delay from the Start of Frame
(Defaults to 0)
This applies primarily to I2S and DSP frame
formats, which use Left-Justified audio data.
When set to 0, audio data starts with the SCLK
period immediately following the SYNC edge
which starts the frame. This is referred to as a
zero SCLK delay.
When set to 1, the audio data starts with the
second SCLK period following the SYNC edge
which starts the frame. This is referred to as a
one SCLK delay. This is used primarily for the
I2S data format.
ISCLK
SCLK Sampling Edge (Defaults to 0)
When set to 0, audio serial data at SDATA
(pin 13) is sampled on rising edge of SCLK.
When set to 1, audio serial data at SDATA
(pin 13) is sampled on falling edge of SCLK.
ISYNC
SYNC Polarity (Defaults to 0)
When set to 0, Left channel data occurs when
the SYNC clock is HIGH.
When set to 1, Left channel data occurs when
the SYNC clock is LOW.
For both cases, Left channel data always pre-
cedes the Right channel data in the audio frame.
BTI
Buffer Transfer Interrupt Status—Active
High
When User Access (UA) to Transmitter Access
(TA) buffer transfers are enabled, and the BTI
interrupt is unmasked, this bit will go HIGH
when a UA to TA buffer transfer has com-
pleted. This will also cause the INT output
(pin 22) to be driven LOW, indicating that an
interrupt has occurred.
TSLIP
Transmitter Source Data Slip Interrupt Sta-
tus—Active High
This bit will go HIGH when either a Data Slip or
Block Start condition is detected, and the TSLIP
interrupt is unmasked. This will also cause the
INT output (pin 22) to be driven LOW, indicat-
ing that an interrupt has occurred. The function
of this bit is selected using the BSSL bit in
control register 05H (defaults Data Slip).
The MBTI and MTSLIP bits are used to mask
the BTI and TSLIP interrupts. When masked,
these interrupt sources are disabled.
MBTI
BTI Interrupt Mask. Set to ‘0’ to mask BTI
(Defaults to 0).
MTSLIP
TSLIP Interrupt Mask. Set to ‘0’ to mask
TSLIP (Defaults to 0).
BSSL
TSLIP Interrupt Select (Defaults to 0)
When set to 0, the Data Slip condition is used
to trigger a TSLIP interrupt.
When set to 1, the Block Start condition is
used to trigger a TSLIP interrupt.
BTIM[1:0]
BTI Interrupt Mode
TSLIPM[1:0] TSLIP Interrupt Mode
These bits are used to select the active state
for interrupt operation.
BTIM1 or BTIM0 or
TSLIPM1
TSLIPM0
Interrupt Operation
0
0
Rising Edge Active (default)
0
1
Falling Edge Active
1
0
Level Active
1
1
Reserved
Bit 7 (MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0 (LSB)
0
0
0
0
0
0
TSLIP
BTI
Register 04H: Interrupt Status Register
Bit 7 (MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0 (LSB)
0
0
0
0
0
BSSL
MTSLIP
MBTI
Register 05H: Interrupt Mask Register
Bit 7 (MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0 (LSB)
0
0
0
0
TSLIPM1 TSLIPM0
BTIM1
BTIM0
Register 06H: Interrupt Mode Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com