Electronic Components Datasheet Search
  English  ▼

X  

DIT4096IPW Datasheet(PDF) 2 Page - Texas Instruments

Part # DIT4096IPW
Description  96kHz Digital Audio Transmitter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DIT4096IPW Datasheet(HTML) 2 Page - Texas Instruments

  DIT4096IPW Datasheet HTML 1Page - Texas Instruments DIT4096IPW Datasheet HTML 2Page - Texas Instruments DIT4096IPW Datasheet HTML 3Page - Texas Instruments DIT4096IPW Datasheet HTML 4Page - Texas Instruments DIT4096IPW Datasheet HTML 5Page - Texas Instruments DIT4096IPW Datasheet HTML 6Page - Texas Instruments DIT4096IPW Datasheet HTML 7Page - Texas Instruments DIT4096IPW Datasheet HTML 8Page - Texas Instruments DIT4096IPW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
DIT4096
2
SBOS225A
www.ti.com
Power-Supply Voltage, VDD .............................................................. +6.5V
VIO .............................................................. +6.5V
Input Current ...................................................................................
±10mA
Digital Input Voltage .......................................................... –0.2V to +5.5V
Digital Output Voltage ............................................ –0.2V to (VDD + 0.2V)
Power Dissipation .......................................................................... 300mW
Operating Temperature Range ........................................ –40
°C to +85°C
Storage Temperature ..................................................... –55
°C to +125°C
Lead Temperature (soldering, 5s) ................................................. +260
°C
Package Temperature (IR re-flow, 10s) ........................................ +235
°C
ABSOLUTE MAXIMUM RATINGS(1)
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Texas Instru-
ments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling
and installation procedures can cause damage.
ESD damage can range from subtle performance degradation
to complete device failure. Precision integrated circuits may be
more susceptible to damage because very small parametric
changes could cause the device not to meet its published
specifications.
PACKAGE/ORDERING INFORMATION
SPECIFIED
PACKAGE
TEMPERATURE
PACKAGE
ORDERING
TRANSPORT
PRODUCT
PACKAGE-LEAD
DESIGNATOR(1)
RANGE
MARKING
NUMBER
MEDIA, QUANTITY
DIT4096
TSSOP-28
PW
–40
°C to +85°C
DIT4096IPW
DIT4096IPW
Rails, 50
""
"
"
"
DIT4096IPWR
Tape and Reel, 2000
NOTE: (1) For the most current specifications and package information, refer to our web site at www.ti.com.
NOTE: (1) Stresses above these ratings may cause permanent damage.
Exposure to absolute maximum conditions for extended periods may degrade
device reliability. These are stress ratings only, and functional operation of the
device at these or any other conditions beyond those specified is not implied.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com