Electronic Components Datasheet Search
  English  ▼

X  

DIT4192 Datasheet(PDF) 11 Page - Texas Instruments

Part # DIT4192
Description  192kHz Digital Audio Transmitter
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DIT4192 Datasheet(HTML) 11 Page - Texas Instruments

Back Button DIT4192 Datasheet HTML 7Page - Texas Instruments DIT4192 Datasheet HTML 8Page - Texas Instruments DIT4192 Datasheet HTML 9Page - Texas Instruments DIT4192 Datasheet HTML 10Page - Texas Instruments DIT4192 Datasheet HTML 11Page - Texas Instruments DIT4192 Datasheet HTML 12Page - Texas Instruments DIT4192 Datasheet HTML 13Page - Texas Instruments DIT4192 Datasheet HTML 14Page - Texas Instruments DIT4192 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
DIT4192
11
SBOS229B
www.ti.com
FIGURE 7. Read Operation Format.
FIGURE 8. Serial Port Timing.
READ OPERATION
Figure 7 shows an illustration of the read operation for the
control port. You may read one register or buffer address at
a time, or use the auto-increment capability built into the
control port to perform block reads. A 16-bit header is first
written to the port, with the first byte being used to configure
control port operation and set the starting register or buffer
address. The second byte of the header is comprised of
“don’t care” bits, which can be set to either 0 or 1 without
affecting port operation.
The first byte of the header contains two control bits, R/W
and STEP, followed by a 6-bit address. For read operations,
R/W = 1. The STEP bit determines the address step size for
the auto-increment operation. When STEP = 0, the address
is incremented by 1. When STEP = 1, the address is
incremented by 2. Incrementing by 1 is useful when reading
multiple control registers in sequence, or when reading both
left and right channel status data in sequence. Incrementing
by 2 is useful for reading just one channel of status data in
sequence.
The first output data byte occurs immediately after the 16-bit
header has been written. This byte contains the 8-bit data for
the register or buffer address pointed to by the first byte of
the header. To read a single address location, CS is brought
high after the least significant bit of the first data byte is
clocked out of the port. For auto-increment mode, CS is kept
low to read successive register or buffer addresses.
Byte 0
Byte 1
Byte N
Header
Set CS = 1 here to read one register or buffer location.
Keep CS = 0 to enable auto-increment mode.
CS
CDIN
CDOUT
CCLK
R/W STEP
A5
A4
A3
A2
A1
A0
MSB
LSB
BYTE 0:
BYTE DEFINITION
Auto-Increment Address Step Size: 0 = Increment Address by 1
1 = Increment Address by 2
Register or Buffer Address
Read/Write Control: Set to 1 for Read Operation
Byte 1: All 8 bits are Don’t Care. Set 0 or 1.
Bytes 2 through N: 8-Bit Register or Buffer data.
High Impedance
Byte 0
Byte 1
Register or Buffer Data
Ignore Until Next High-to-Low Transition of CS
t
CSCR
t
SDS
t
SDH
t
CFDO
t
CSZ
t
CFCS
CS
CCLK
CDIN
CDOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com