Electronic Components Datasheet Search
  English  ▼

X  

DIT4192IPWR Datasheet(PDF) 14 Page - Texas Instruments

Part # DIT4192IPWR
Description  192kHz Digital Audio Transmitter
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DIT4192IPWR Datasheet(HTML) 14 Page - Texas Instruments

Back Button DIT4192IPWR Datasheet HTML 10Page - Texas Instruments DIT4192IPWR Datasheet HTML 11Page - Texas Instruments DIT4192IPWR Datasheet HTML 12Page - Texas Instruments DIT4192IPWR Datasheet HTML 13Page - Texas Instruments DIT4192IPWR Datasheet HTML 14Page - Texas Instruments DIT4192IPWR Datasheet HTML 15Page - Texas Instruments DIT4192IPWR Datasheet HTML 16Page - Texas Instruments DIT4192IPWR Datasheet HTML 17Page - Texas Instruments DIT4192IPWR Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
DIT4192
14
SBOS229B
www.ti.com
BTD
Buffer Transfer Disable (Defaults to 0)
When set to 0, User Access (UA) to Transmit-
ter Access (TA) Buffer transfers are enabled.
When set to 1, User Access (UA) to Transmit-
ter Access (TA) Buffer transfers are disabled.
bit 7 (MSB)
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0 (LSB)
0
0
0
00
00
BTD
Register 07H: Channel Status Buffer Control Register
FIGURE 9. Flowchart for Updating the Channel Status Buffer.
CHANNEL STATUS DATA
BUFFER OPERATION
(SOFTWARE MODE ONLY)
The DIT4192 contains two buffers for the channel status data.
These are referred to as the Transmitter Access (TA) buffer
and the User Access (UA) buffer. Each buffer is 48 bytes long,
containing 24 bytes each for channels A and B. The 24 bytes
per channel correspond to the channel status block defined in
the AES-3 and IEC-60958 specifications. Channel A and B
data are interleaved within the buffers, see Tables VII and VIII.
The AES-3 encoder internally accesses the TA buffer to
obtain the channel status data that is multiplexed into the
AES-3 data stream. The user accesses the UA buffer through
the control port in order to update the channel status data
when needed. The transfer of data from the UA buffer to the
TA buffer is managed internally by the DIT4192, but it may
be enabled or disabled by the user via a control register.
The master clock input (MCLK) and the frame synchroniza-
tion clock input (SYNC) must be active in order to update the
channel status buffer in Software mode. When the DIT4192
is initially powered up, the device defaults to power-down
mode. When the PDN bit in Register 2 is set to 0 to power
up the device, there must be a delay between the time that
PDN is set to 0 and the first access to the channel status
buffer. This delay allows the SYNC clock to synchronize the
AES3 encoder block with the audio serial port. It is recom-
mended that Register 2 be the last control register written in
the initialization sequence, followed by a delay (10 millisec-
onds or longer) before attempting to access the channel
status buffer.
UPDATING THE CHANNEL DATA STATUS BUFFER
Updating the channel status data buffer involves disabling
and enabling the UA to TA buffer transfer using the BTD bit
in control register 07H. Figure 9 shows the proper flow for
updating the buffer.
The BTD bit is normally set to 0, which enables the UA to TA
buffer transfer. In order to update the channel status data, the
user must write to the UA buffer. To avoid UA to TA data
transfer while the UA buffer is being updated, the BTD bit is set
to 1, which disables UA to TA buffer transfers. While
BTD = 1, the user writes new channel status data to the UA
buffer via the control port. Once the UA buffer update is
complete, the BTD bit is reset to 0. A new UA to TA buffer
transfer will occur during one of the frames 184 through 191,
DISABLE UA TO TA BUFFER TRANSFER
Set BTD = 1
in Control Register 07
H
UPDATE THE CS DATA
Write Channel Status Data
to the UA Buffer
ENABLE UA TO TA BUFFER TRANSFER
Set BTD = 0
in Control Register 07
H
Read Register 04
H to verify that the
BTI bit is set to 1.
The Host has verified that the Buffer
Transfer is complete, which completes the
Channel Status Data update.
Assume that the Buffer Transfer has
completed and that the Channel Status
data has been updated.
Is the
Buffer Transfer Interrupt (BTI)
Masked?
Is the
INT output LOW?
YES
YES
NO
NO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com