Electronic Components Datasheet Search
  English  ▼

X  

DIT4192IPW Datasheet(PDF) 5 Page - Texas Instruments

Part # DIT4192IPW
Description  192kHz Digital Audio Transmitter
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DIT4192IPW Datasheet(HTML) 5 Page - Texas Instruments

  DIT4192IPW Datasheet HTML 1Page - Texas Instruments DIT4192IPW Datasheet HTML 2Page - Texas Instruments DIT4192IPW Datasheet HTML 3Page - Texas Instruments DIT4192IPW Datasheet HTML 4Page - Texas Instruments DIT4192IPW Datasheet HTML 5Page - Texas Instruments DIT4192IPW Datasheet HTML 6Page - Texas Instruments DIT4192IPW Datasheet HTML 7Page - Texas Instruments DIT4192IPW Datasheet HTML 8Page - Texas Instruments DIT4192IPW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
DIT4192
5
SBOS229B
www.ti.com
FIGURE 1. Software Mode Block Diagram.
FIGURE 2. Hardware Mode Block Diagram.
GENERAL DESCRIPTION
The DIT4192 is a complete digital audio transmitter, suitable
for both professional and consumer audio applications. Sam-
pling rates up to 192kHz are supported. The DIT4192 com-
plies with the requirements for the AES-3, IEC-60958, and
EIAJ CP1201 interface standards.
Figures 1 and 2 show the block diagrams for the DIT4192
when used in Software and Hardware control modes. The
MODE input (pin 28) determines the control model used to
configure the DIT4192 internal functions. In Software mode,
a serial control port is used to write and read on-chip control
registers and status buffers. In Hardware mode, dedicated
control pins are provided for configuration and status inputs.
The DIT4192 includes an audio serial port, which is used to
interface to standard digital audio sources, such as
Analog-to-Digital (A/D) converters, Digital Signal Processors
(DSPs), and audio decoders. Support for Left-Justified, Right-
Justified, and I2S data formats is provided.
The AES-3 encoder creates a multiplexed bit stream, con-
taining audio, status, and user data. See Figure 3 for the
multiplexed data format. The data is then Bi-Phase Mark
encoded and output to a differential line driver. The line driver
outputs are connected to the transmission medium, be it
cable or fiber optics. In the case of twisted-pair or coaxial
cable, a transformer is commonly used to couple the driver
outputs to the transmission line. This provides both isolation
and improved common-mode rejection. For optical transmis-
sion, the TX+ (pin 18) driver output is connected to an optical
transmitter module. See the Applications Information section
of this data sheet for details regarding output driver circuit
configurations.
Audio
Serial
Port
AES-3 Encoder
Line
Driver
Reset
Logic
Serial Control Interface,
Control Registers,
and Channel Status
Data Buffers
Clock
Generator
RXP
TX+
TX–
MCLK
U
SYNC
SCLK
SDATA
RST
Control Port
BLS
INT
Audio
Serial
Port
AES-3 Encoder
Line
Driver
Reset
Logic
CUV
Data Buffer
Clock
Generator
TX+
TX–
MCLK
CLK1
BLSM
BLS
MONO
MDAT
CLK0
SYNC
SCLK
SDATA
M/S
FMT0
FMT1
CSS
COPY/C
L
AUDIO
EMPH
U
V
RST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com