Electronic Components Datasheet Search
  English  ▼

X  

LT3021 Datasheet(PDF) 10 Page - Linear Technology

Part # LT3021
Description  1.1A, Low Noise, Low Dropout Linear Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3021 Datasheet(HTML) 10 Page - Linear Technology

Back Button LT3021 Datasheet HTML 6Page - Linear Technology LT3021 Datasheet HTML 7Page - Linear Technology LT3021 Datasheet HTML 8Page - Linear Technology LT3021 Datasheet HTML 9Page - Linear Technology LT3021 Datasheet HTML 10Page - Linear Technology LT3021 Datasheet HTML 11Page - Linear Technology LT3021 Datasheet HTML 12Page - Linear Technology LT3021 Datasheet HTML 13Page - Linear Technology LT3021 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
LT1965
10
1965f
Other regulators, such as the LT1083/LT1084/LT1085
family, also exhibit this phenomenon, so it is not unique
to the LT1965.
The problem occurs with a heavy output load when the
input voltage is high and the output voltage is low. Com-
mon situations include immediately after the removal of a
short-circuit or if the shutdown pin is pulled high after the
input voltage has already been turned on. The load line for
such a load may intersect the output current curve at two
points. If this happens, there are two stable output operating
points for the regulator. With this double intersection, the
input power supply may need to be cycled down to zero
and brought up again to make the output recover.
Output Voltage Noise
The LT1965 regulator’s design provides low output voltage
noise over the 10Hz to 100kHz bandwidth while operating
at full load. Output voltage noise is approximately 80nV/√⎯H⎯z
over this frequency bandwidth for the LT1965. For higher
output voltages (generated by using a resistor divider),
the output voltage noise gains up accordingly.
Higher values of output voltage noise may be measured
if care is not exercised with regard to circuit layout and
testing. Crosstalk from nearby traces can induce unwanted
noise onto the LT1965’s output. Power supply ripple rejec-
tion must also be considered; the LT1965 regulator does
not have unlimited power supply rejection and will pass a
small portion of the input noise through to the output.
APPLICATIONS INFORMATION
Thermal Considerations
The LT1965’s maximum rated junction temperature of
125°C limits its power handling capability. Two compon-
ents comprise the power dissipated by the device:
1. Output current multiplied by the input/output voltage
differential: IOUT • (VIN – VOUT), and
2. GND pin current multiplied by the input voltage:
IGND • VIN
GND pin current is determined using the GND Pin Current
curves in the Typical Performance Characteristics section.
Power dissipation equals the sum of the two components
listed.
The LT1965 regulator has internal thermal limiting that
protects the device during overload conditions. For con-
tinuous normal conditions, do not exceed the maximum
junction temperature rating of 125°C. Carefully consider
all sources of thermal resistance from junction to ambi-
ent including other heat sources mounted in proximity to
the LT1965.
The underside of the LT1965 DFN package has exposed
metal (4mm2) from the lead frame to the die attachment.
The underside of the LT1965 MSOP package also has ex-
posed metal (2mm2). Both packages allow heat to directly
transfer from the die junction to the printed circuit board
metal to control maximum operating junction temperature.
The dual-in-line pin arrangement allows metal to extend
beyond the ends of the package on the topside (component
side) of a PCB. Connect this metal to GND on the PCB.
The multiple IN and OUT pins of the LT1965 also assist
in spreading heat to the PCB.
For surface mount devices, heat sinking is accomplished
by using the heat spreading capabilities of the PC board
and its copper traces. Copper board stiffeners and plated
through-holes can also be used to spread the heat gener-
ated by power devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com