Electronic Components Datasheet Search
  English  ▼

X  

AW900F Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # AW900F
Description  900 MHz Industrial Wireless Ethernet and Serial Radio
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

AW900F Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  AW900F Datasheet HTML 1Page - Infinite Electronics International, Inc. AW900F Datasheet HTML 2Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
900 MHz Industrial Wireless Ethernet and Serial Radio
Designed especially for industrial automation, data collection and SCADA applications, AvaLAN’s AW900F industrial wireless
ethernet and serial radio uses the latest in FHSS (Frequency Hopping Spread Spectrum) technology to deliver long range,
high speed, secure wireless networking at significantly lower cost.
The radio operates in the unlicensed 900 MHz ISM band, with the transmitter and paired receivers switching rapidly among
50 different channels in a synchronized pseudo-random pattern. Data is communicated robustly and error free despite
interference from noise or other signal sources. Both point-to-point bridge and point-to-multipoint star network connections
are supported. Able to transmit legally up to one watt of RF power, line of sight distances up to 60 miles can be
bridged using appropriate directional antennas. 900 MHz operation also allows the radio signals to penetrate
through walls and foliage.
The radio features a built-in browser interface for link status monitoring and configuration. An operator at
the main HMI (Human to Machine Interface) console can log in to each radio’s fixed IP address to facilitate
troubleshooting. A small LCD panel on the front of the unit can also verify proper operation at a glance.
The radio may be powered through the Ethernet jack from an 802.3af compatible POE (Power Over Ethenet)
source or directly from a 5-30 VDC supply through a barrel or Phoenix connector. The antenna is connected via
an RPTNC jack on the top of the case. An omnidirectional 2.5 dBi flexible antenna is included with other antenna
choices available from AvaLAN. The radio’s case is rugged extruded aluminum and is designed to meet C1D2
standards for hazardous environments (certification pending). A DIN Rail mounting clip is provided on the case
back to facilitate installation in industrial equipment cabinets.
For point-to-point bridge applications, the AW900F-PAIR provides a pre-configured matched pair, ready to deploy right out of the box. For point-to-
multipoint applications, one AW900F should be configured as the master access point and the rest as client subscriber units.
• 1 Watt RF transmit power for up to 60 mile range
• 200 Kbps FHSS RF data rate
• Muiltipoint network topologies supported
• Data Security enhanced by AES 128-bit encryption
• LCD display to quickly verify proper operation
• Rugged extruded aluminum case with DIN Rail mounting clip
• 802.3af power over ethernet
• 10/100BaseT ethernet and RS232/RS485 serial interfaces
• C1D2 certification pending
Screen Capture:
Web Browser-based
Management Tools
Application Example:
Point-to-multipoint wireless
system transmitting
IP and Serial data across an
industrial plant
AW900F, AW900F-PAIR
Product Brief
Features
www.avalanwireless.com
Corporate headquarters
:: (866) 533.6216
Technical support
:: (650) 384.0000


Similar Part No. - AW900F

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
AW900F L-COM-AW900F Datasheet
877Kb / 2P
900 MHz Industrial Wireless Ethernet and Serial Radio
06.17.2013
AW900F-PAIR L-COM-AW900F-PAIR Datasheet
877Kb / 2P
900 MHz Industrial Wireless Ethernet and Serial Radio
06.17.2013
AW900FM-10 L-COM-AW900FM-10 Datasheet
1Mb / 2P
900 MHz Ethernet and Serial Module
07.01.2013
AW900FM-10 L-COM-AW900FM-10 Datasheet
1Mb / 2P
900 MHz Ethernet and Serial Module
07.01.2013
AW900FM-EVAL L-COM-AW900FM-EVAL Datasheet
1Mb / 2P
900 MHz Ethernet and Serial Module
07.01.2013
More results

Similar Description - AW900F

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
W1063 PULSE-W1063 Datasheet
236Kb / 2P
Wireless External Antenna for 900 MHz Applications
logo
ATMEL Corporation
ATZB-900-B0 ATMEL-ATZB-900-B0 Datasheet
448Kb / 20P
ZigBit??700/800/900 MHz Wireless Modules
logo
Red Lion Controls. Inc
ESERV-11T12T REDLION-ESERV-11T12T Datasheet
1Mb / 3P
Industrial Ethernet Serial Server
702-W REDLION-702-W Datasheet
1Mb / 6P
Industrial Wireless Radio
702M12-W REDLION-702M12-W Datasheet
2Mb / 6P
Industrial Wireless Radio
logo
Murata Manufacturing Co...
LG90E MURATA-LG90E Datasheet
1Mb / 6P
900 MHz FHSS DNT90/Ethernet Gateway
logo
Advantech Co., Ltd.
MESR900 ADVANTECH-MESR900 Datasheet
447Kb / 2P
Industrial Modbus Ethernet to Serial Gateways
logo
Black Box Registered Tr...
ES-511 BLACKBOX-ES-511 Datasheet
1Mb / 6P
ES-511 Industrial Ethernet Serial
ES-522 BLACKBOX-ES-522 Datasheet
1Mb / 6P
ES-522 Industrial Ethernet Serial
ES-551 BLACKBOX-ES-551 Datasheet
1Mb / 6P
ES-551 Industrial Ethernet Serial
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com