Electronic Components Datasheet Search
  English  ▼

X  

AW900IS Datasheet(PDF) 2 Page - Infinite Electronics International, Inc.

Part # AW900IS
Description  FIPS 140-2 High Security 900 MHz Indoor Wireless Ethernet Radio
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

AW900IS Datasheet(HTML) 2 Page - Infinite Electronics International, Inc.

  AW900IS Datasheet HTML 1Page - Infinite Electronics International, Inc. AW900IS Datasheet HTML 2Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Application Example
Copyright AvaLAN Wireless Systems Incorporated. All rights reserved. AvaLAN Wireless and the AvaLAN Wireless logo are registered trademarks of AvaLAN Wireless Systems Incorporated. All other trade-
marks are property of their respective owners. AvaLAN Wireless makes no representations or warranties with respect to the accuracy, utility, or completeness of the contents of this publication and
reserves the right to make changes to specifications and product descriptions at any time without notice. No license, express or implied, by estoppel or otherwise, to any patents or other intellectual
property rights is granted by this document. Particular uses or applications may invalidate some of the specifications and/or product descriptions contained herein. The customer is urged to perform its
own engineering review before deciding on a particular application. AvaLAN Wireless products are not designed for use in medical, life saving, or life sustaining applications.
Technical specifications
Copyright
:: AvaLAN Wireless Systems Inc. :: All rights reserved
06.18.2013
AW900iS
FIPS 140-2 High Security
900 MHz Indoor Wireless Ethernet Radio
Contents:
• (1) AW900iS Radio
• (1) AW2-900 2.5 dBi Omnidirectional Antenna
• (1) AW-POE Power Over Ethernet Injector
• (1) 110 VAC to 12 VDC power adapter
• (1) Mini USB Cable
Ordering Information
AW900iS
HMI
(Human to Machine Interface)
LAN
PLC
RTU
PLC
PLC
PLC
LAN
LAN
AW900iS
AW900iS
Now
With
FIPS
140-2
Level
2
Validated
Data
Security!
PARAMETER
SPECIFICATION
Security Validation
NIST FIPS 140-2 Level 2 Validated by CMVP Certificate No. 1452
Encryption Method
FIPS 197 Standard: 128, 192 or 256-bit AES
RF transmission rate
1.536 Mbps
Ethernet throughput
935 Kbps
Output power
+21 dBm (4 Watts EIRP when used with 15 dBi antenna)
Receiver Sensitivity
-97 dBm at 10-4 BER
Range
40 miles line-of-sight with 15 dBi antenna
RF channels
12 non-overlapping channels with 2.0833 MHz spacing
Frequency selection
Automatic or manually selectable via web browser interface
RF Connector
RPTNC Female
Ethernet
RJ-45
Power Connector
P5 2.1 mm
Adjacent band rejection
SAW receiver filter attenuates cellular and pager interference
Mounting
DIN rail clip
Power regulation
Built-in switching regulator
Browser management tools
Statistics, Network Settings, Spectrum Analyzer, Firmware Upgrade
Power consumption
Transmit: 1.7 Watts Receive: 0.8 Watts
Voltage
9 to 48 VDC
Transmit current draw
140 mA at 12 VDC
Temperature range
-40º C to +70º C
Size
110 x 110 x 35 mm
Compatibility
Compatible with AW900xTR and AW900xTP radios



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com