Electronic Components Datasheet Search
  English  ▼

X  

DRV632 Datasheet(PDF) 12 Page - Texas Instruments

Part # DRV632
Description  DRV632 DirectPath™, 2-VRMS Audio Line Driver With Adjustable Gain
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DRV632 Datasheet(HTML) 12 Page - Texas Instruments

Back Button DRV632 Datasheet HTML 8Page - Texas Instruments DRV632 Datasheet HTML 9Page - Texas Instruments DRV632 Datasheet HTML 10Page - Texas Instruments DRV632 Datasheet HTML 11Page - Texas Instruments DRV632 Datasheet HTML 12Page - Texas Instruments DRV632 Datasheet HTML 13Page - Texas Instruments DRV632 Datasheet HTML 14Page - Texas Instruments DRV632 Datasheet HTML 15Page - Texas Instruments DRV632 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
R3
+
C1
RIGHT
INPUT
–
LEFT
INPUT
LEFT OUTPUT
RIGHT OUTPUT
C2
C1
R3
R2
R2
R1
R1
R3
–
C2
R3
R1
R1
1mF
R2
C1
R2
C1
1mF
C3
C3
C3
C3
Line
Driver
Line
Driver
Short-Circuit
Protection
Click and Pop
Suppression
Bias
Circuitry
+INR
–INR
DRV632
–INL
OUTL
UVP
+INL
GND
VDD
CP
CN
EN
VSS
GND
OUTR
3.3-V Supply
1mF
Linear
Low-Dropout
Regulator
R11
R12
10 mF
System Supply
12
DRV632
SLOS681C – JANUARY 2011 – REVISED AUGUST 2019
www.ti.com
Product Folder Links: DRV632
Submit Documentation Feedback
Copyright © 2011–2019, Texas Instruments Incorporated
10 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
10.1 Application Information
This typical connection diagram highlights the required external components and system-level connections for
proper operation of the device. This configuration can be realized using the Evaluation Module (EVM) of the
device. This flexible module allows full evaluation of the device in all available modes of operation. Also see the
DRV632 product page for information on ordering the EVM.
10.2 Typical Application
R1 = 15 k
Ω, R2 = 30 kΩ, R3 = 43 kΩ, C1 = 47 pF, C2 = 180 pF
Differential-input, single-ended output, second-order filter
Figure 9. Typical Application Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com