Electronic Components Datasheet Search
  English  ▼

X  

DRV612 Datasheet(PDF) 13 Page - Texas Instruments

Part # DRV612
Description  DRV632 DirectPath™, 2-VRMS Audio Line Driver With Adjustable Gain
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DRV612 Datasheet(HTML) 13 Page - Texas Instruments

Back Button DRV612 Datasheet HTML 9Page - Texas Instruments DRV612 Datasheet HTML 10Page - Texas Instruments DRV612 Datasheet HTML 11Page - Texas Instruments DRV612 Datasheet HTML 12Page - Texas Instruments DRV612 Datasheet HTML 13Page - Texas Instruments DRV612 Datasheet HTML 14Page - Texas Instruments DRV612 Datasheet HTML 15Page - Texas Instruments DRV612 Datasheet HTML 16Page - Texas Instruments DRV612 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
0.0001
0.001
0.01
0.1
1
10
0.1
1
3
Output Voltage (V)
100 Hz
1 kHz
10 kHz
Active Filter
Gain = 2V/V
RL = 10 kΩ
0.0001
0.001
0.01
0.1
1
10
0.1
1
3
Output Voltage (V)
100 Hz
1 kHz
10 kHz
Active Filter
Gain = 2V/V
RL = 600Ω
13
DRV632
www.ti.com
SLOS681C – JANUARY 2011 – REVISED AUGUST 2019
Product Folder Links: DRV632
Submit Documentation Feedback
Copyright © 2011–2019, Texas Instruments Incorporated
Typical Application (continued)
10.2.1 Design Requirements
In this design example, use the parameters listed in Table 2.
Table 2. Design Parameters
KEY PARAMETERS
VALUE
Supply Voltage
3.3 V
Supply Current
0.10 A
Load Impedance
600 Ω (minimum)
10.2.2 Detailed Design Procedure
10.2.2.1 Charge-Pump Flying, PVSS and Decoupling Capacitors
To transfer charge during the generation of the negative supply voltage, an 1-µF low equivalent-series-resistance
(ESR) charge-pump flying capacitor is used for this design. Similar 1-µF capacitors are placed in VSS, and as
close as possible to VDD. See Charge-Pump Flying Capacitor and PVSS Capacitor and Decoupling Capacitors
for details.
10.2.2.2 Second-Order Active Low-Pass Filters
With the help of the TI WEBENCH Filter Designer (www.ti.com/filterdesigner), the values of R1 = 15 kΩ, R2 = 30
kΩ, R3 = 43 kΩ, C1 = 47 pF, and C2 = 180 pF are proposed to design a second-order low-pass filter with a
differential-input and a single-ended output. See Using the DRV632 as a Second-Order Filter for details.
10.2.2.3 UVP Resistor Divider
R11 and R12 are placed to design a resistor divider. The shutdown threshold at the UVP pin is 1.25 V. See
External Undervoltage Detection for details.
10.2.3 Application Curves
Figure 10. Total Harmonic Distortion and Noise vs Output
Voltage
Figure 11. Total Harmonic Distortion and Noise vs Output
Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com