Electronic Components Datasheet Search
  English  ▼

X  

LT3028 Datasheet(PDF) 9 Page - Linear Technology

Part # LT3028
Description  1.1A, Low Noise, Low Dropout Linear Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3028 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT3028 Datasheet HTML 5Page - Linear Technology LT3028 Datasheet HTML 6Page - Linear Technology LT3028 Datasheet HTML 7Page - Linear Technology LT3028 Datasheet HTML 8Page - Linear Technology LT3028 Datasheet HTML 9Page - Linear Technology LT3028 Datasheet HTML 10Page - Linear Technology LT3028 Datasheet HTML 11Page - Linear Technology LT3028 Datasheet HTML 12Page - Linear Technology LT3028 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
LT1965
9
1965f
APPLICATIONS INFORMATION
capacitor values below appropriate levels. Capacitor DC
bias characteristics tend to improve as component case
size increases, but expected capacitance at operating
voltages should be verified.
Voltage and temperature coefficients are not the only
sources of problems. Some ceramic capacitors have a
piezoelectric response. A piezoelectric device generates
voltage across its terminals due to mechanical stress,
similar to the way a piezoelectric accelerometer or micro-
phone works. For a ceramic capacitor, the stress can be
induced by vibrations in the system or thermal transients.
The resulting voltages produced can cause appreciable
amounts of noise. A ceramic capacitor produced the trace
in Figure 4 in response to light tapping from a pencil.
Similar vibration induced behavior can masquerade as
increased output voltage noise.
Overload Recovery
Like many IC power regulators, the LT1965 has safe oper-
ating area protection. The safe area protection decreases
current limit as input-to-output voltage increases and keeps
the power transistor inside a safe operating region for all
values of input-to-output voltage. The protective design
provides some output current at all values of input-to-
output voltage up to the device breakdown.
When power is first applied, as input voltage rises, the
output follows the input, allowing the regulator to start up
into very heavy loads. During start-up, as the input voltage
is rising, the input-to-output voltage differential is small,
allowing the regulator to supply large output currents. With
a high input voltage, a problem can occur wherein removal
of an output short will not allow the output to recover.
Figure 2. Ceramic Capacitor DC Bias Characteristics
Figure 3. Ceramic Capacitor Temperature Characteristics
Figure 4. Noise Resulting from Tapping on a Ceramic Capacitor
DC BIAS VOLTAGE (V)
1965 F02
20
0
–20
–40
–60
–80
–100
0
4
8
10
26
12
14
X5R
Y5V
16
BOTH CAPACITORS ARE 16V,
1210 CASE SIZE, 10μF
TEMPERATURE (°C)
–50
40
20
0
–20
–40
–60
–80
–100
25
75
1965 F03
–25
0
50
100
125
Y5V
X5R
BOTH CAPACITORS ARE 16V,
1210 CASE SIZE, 10μF
1ms/DIV
1mV/DIV
1965 F04
VOUT = 1.3V
COUT = 10μF
ILOAD = 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com