Electronic Components Datasheet Search
  English  ▼

X  

P0640SC Datasheet(PDF) 5 Page - YAGEO Corporation

Part # P0640SC
Description  Thyristor Surge Suppressors (TSS)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

P0640SC Datasheet(HTML) 5 Page - YAGEO Corporation

  P0640SC Datasheet HTML 1Page - YAGEO Corporation P0640SC Datasheet HTML 2Page - YAGEO Corporation P0640SC Datasheet HTML 3Page - YAGEO Corporation P0640SC Datasheet HTML 4Page - YAGEO Corporation P0640SC Datasheet HTML 5Page - YAGEO Corporation P0640SC Datasheet HTML 6Page - YAGEO Corporation P0640SC Datasheet HTML 7Page - YAGEO Corporation P0640SC Datasheet HTML 8Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Product Specification
PXXXXSX
THYRISTOR SURGE SUPPRESSORS
Circuit Protection
www.yageo.com
Mar. 18, 2021 V.4
Part Number Code and Marking
P
X
X
X
X
S
X
Voltage
Package
Surge Current
Series Code
XXXX
P008C
Internal control code
Logo
Device Marking Code
Characteristics Curves
Figure 1. V-I Characteristics
Figure 2. tr × td Pulse Wave-form
-V
+I
IT
IS
IH
IDRM
VT
VS
VDRM
-I
+V
0
0
50
t-Time (µs)
tr
td
tr = rise time to peak value
td = decay time to half value
100
Peak Value
Half Value
Waveform = tr × td
Figure 3. Normalized Vs Change versus Junction
Temperature
Figure 4. Normalized DC Holding Current versus
Case Temperature
-20
0
20
100 120 140
-6
-4
0
2
TJ-Junction Temperature (℃)
160
-8
-40
6
8
10
12
4
14
40
60
80
25℃
16
-20
0
20
100 120 140
TC-Case Temperature (℃)
160
0.4
-40
40
60
80
25℃
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com