Electronic Components Datasheet Search
  English  ▼

X  

LTC1864 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC1864
Description  Easy-to-Use, Ultra-Tiny, Differential, 16-Bit ADC With I2C Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1864 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC1864 Datasheet HTML 4Page - Linear Technology LTC1864 Datasheet HTML 5Page - Linear Technology LTC1864 Datasheet HTML 6Page - Linear Technology LTC1864 Datasheet HTML 7Page - Linear Technology LTC1864 Datasheet HTML 8Page - Linear Technology LTC1864 Datasheet HTML 9Page - Linear Technology LTC1864 Datasheet HTML 10Page - Linear Technology LTC1864 Datasheet HTML 11Page - Linear Technology LTC1864 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
LTC2453
8
2453f
Reference Voltage Range
This converter accepts a truly differential external reference
voltage. The absolute/common mode voltage range for
REF+ and REF– pins covers the entire operating range of
the device (GND to VCC). For correct converter operation,
VREF+ must be >(2.5V + VREF–).
The LTC2453 differential reference input range is 2.5V to
VCC. For the simplest operation, REF+ can be shorted to
VCC and REF– can be shorted to GND.
Input Voltage Range
For most applications, VREF– ≤ (VIN+, VIN–) ≤ VREF+. Under
these conditions the output code is given (see Data Format
section) as 32768 • (VIN+ – VIN–)/(VREF+ – VREF–). The
output of the LTC2453 is clamped at a maximum value of
32767 and clamped at a minimum value of –32768.
The LTC2453 includes a proprietary system that can,
typically, correctly digitize each input 8LSB above VREF+
and below VREF–, if the LTC2453’s output is not clamped.
As an example (Figure 2), if the user desires to measure
a signal slightly below ground, the user could set VIN– =
VREF– = GND, and VREF+ = 5V. If VIN+ = GND, the output
code would be approximately 0. If VIN+ = GND – 8LSB =
–1.22 mV, the output code would be approximately –8.
I2C INTERFACE
The LTC2453 communicates through an I2C interface. The
I2C interface is a 2-wire open-drain interface supporting
multiple devices and masters on a single bus. The con-
nected devices can only pull the data line (SDA) LOW and
never drive it HIGH. SDA must be externally connected to
the supply through a pull-up resistor. When the data line
is free, it is HIGH. Data on the I2C bus can be transferred
at rates up to 100kbits/s in the Standard-Mode and up to
400kbits/s in the Fast-Mode.
Each device on the I2C bus is recognized by a unique
address stored in that device and can operate either as
a transmitter or receiver, depending on the function of
the device. In addition to transmitters and receivers,
devices can also be considered as masters or slaves when
performing data transfers. A master is the device which
initiates a data transfer on the bus and generates the
clock signals to permit that transfer. Devices addressed
by the master are considered a slave. The address of the
LTC2453 is 0010100.
The LTC2453 can only be addressed as a slave. It can only
transmit the last conversion result. The serial clock line,
SCL, is always an input to the LTC2453 and the serial data
line SDA is bidirectional. Figure 3 shows the definition of
the I2C timing.
The START and STOP Conditions
A START (S) condition is generated by transitioning SDA
from HIGH to LOW while SCL is HIGH. The bus is consid-
ered to be busy after the START condition. When the data
transfer is finished, a STOP (P) condition is generated by
transitioning SDA from LOW to HIGH while SCL is HIGH.
The bus is free after a STOP is generated. START and STOP
conditions are always generated by the master.
When the bus is in use, it stays busy if a repeated START
(Sr) is generated instead of a STOP condition. The repeated
START timing is functionally identical to the START and
is used for reading from the device before the initiation
of a new conversion.
VIN
+/V
REF
+
–0.001
4
12
20
0.001
2453 F02
–4
–12
0
8
16
–8
–16
–20
–0.005
0
0.005
0.0015
SIGNALS
BELOW
GND
Figure 2. Output Code vs VIN+ with VIN– = 0 and VREF– = 0
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com