Electronic Components Datasheet Search
  English  ▼

X  

LTC1865 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1865
Description  Easy-to-Use, Ultra-Tiny, Differential, 16-Bit ADC With I2C Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1865 Datasheet(HTML) 5 Page - Linear Technology

  LTC1865 Datasheet HTML 1Page - Linear Technology LTC1865 Datasheet HTML 2Page - Linear Technology LTC1865 Datasheet HTML 3Page - Linear Technology LTC1865 Datasheet HTML 4Page - Linear Technology LTC1865 Datasheet HTML 5Page - Linear Technology LTC1865 Datasheet HTML 6Page - Linear Technology LTC1865 Datasheet HTML 7Page - Linear Technology LTC1865 Datasheet HTML 8Page - Linear Technology LTC1865 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
LTC2453
5
2453f
Offset Error vs Temperature
Gain Error vs Temperature
Transition Noise vs Temperature
Transition Noise vs Output Code
Conversion Mode Power Supply
Current vs Temperature
Sleep Mode Power Supply
Current vs Temperature
TYPICAL PERFORMANCE CHARACTERISTICS
Average Power Dissipation vs
Temperature, VCC = 3V
Power Supply Rejection vs
Frequency at VCC
Conversion Time vs Temperature
TEMPERATURE (
°C)
–50
–1
0
1
2
3
5
–25
025
50
2453 G04
75
100
4
VCC = VREF
+ = 3V
VCC = VREF
+ = 5V
VCC = VREF
+ = 4.1V
TEMPERATURE (
°C)
–50
0
1
2
3
4
5
–25
025
50
2453 G05
75
100
VCC = VREF
+ = 3V
VCC = VREF
+ = 5V
VCC = VREF
+ = 4.1V
TEMPERATURE (
°C)
–50
0
0.5
1.0
1.5
2.0
3.0
–25
025
50
2453 G06
75
100
2.5
VCC = 4.1V
VCC = 5V
VCC = 3V
OUTPUT CODE
–32768
32768
0
0.5
1.0
1.5
2.0
–16384
16384
0
2453 G07
2.5
3.0
VCC = VREF
+ = 3V
VCC = VREF
+ = 5V
TEMPERATURE (
°C)
–50
0
200
400
600
800
1200
–25
025
50
2453 G08
75
100
1000
VCC = 5V
VCC = 3V
VCC = 4.1V
60Hz OUTPUT SAMPLE RATE
TEMPERATURE (
°C)
–50
0
50
100
150
200
250
–25
025
50
2453 G09
75
100
VCC = 5V
VCC = 3V
VCC = 4.1V
TEMPERATURE (
°C)
–50
1
10
100
1000
10000
–25
0
25
50
2453 G10
75
100
25Hz OUTPUT SAMPLE RATE
10Hz OUTPUT SAMPLE RATE
1Hz OUTPUT SAMPLE RATE
FREQUENCY AT VCC (Hz)
110
–100
–60
0
100
10k
100k
2453 G11
–80
–20
–40
1k
1M
10M
VCC = 4.1V
VREF
+ = 2.7V
VREF
– = 0V
VIN
+ = 1V
VIN
– = 2V
TEMPERATURE (
°C)
–50
21
20
19
18
17
16
15
14
25
75
2453 G12
–25
0
50
100
VCC = 3V
VCC = 5V
VCC = 4.1V
(TA = 25°C, unless otherwise noted)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com