Electronic Components Datasheet Search
  English  ▼

X  

TSD1GLW Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TSD1GLW
Description  1A, 400V - 600V ESD Capability Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSD1GLW Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TSD1GLW Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSD1GLW Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSD1GLW Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSD1GLW Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSD1GLW Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TSD1GLW
– TSD1JLW
Taiwan Semiconductor
1
Version: A2309
1A, 400V - 600V ESD Capability Rectifier
FEATURES
● High ESD capability
● Glass passivated chip junction
● Low forward voltage drop
● Ideal for automated placement
● Moisture sensitivity level: level 1, per J-STD-020
● RoHS Compliant
● Halogen-free
APPLICATIONS
● General purpose
● Polarity protection
MECHANICAL DATA
● Case: SOD-123W
● Molding compound meets UL 94V-0 flammability rating
● Terminal: Matte tin plated leads, solderable per J-STD-002
● Meet JESD 201 class 2 whisker test
● Polarity: Indicated by cathode band
● Weight: 0.015g (approximately)
KEY PARAMETERS
PARAMETER
VALUE
UNIT
IF
1
A
VRRM
400 - 600
V
IFSM
30
A
TJ MAX
175
°C
Package
SOD-123W
Configuration
Single die
SOD-123W
ABSOLUTE MAXIMUM RATINGS (T
A
= 25°C unless otherwise noted)
PARAMETER
SYMBOL
TSD1GLW
TSD1JLW
UNIT
Marking code on the device
D1GLW
D1JLW
Repetitive peak reverse voltage
VRRM
400
600
V
Reverse voltage, total rms value
VR(RMS)
280
420
V
Forward current
IF
1
A
Surge peak forward current single half
sine-wave superimposed on rated load
t = 8.3ms
IFSM
30
A
t = 1.0ms
110
Junction temperature
TJ
-40 to +175
°C
Storage temperature
TSTG
-55 to +175
°C


Similar Part No. - TSD1GLW

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSD1GLWH TSC-TSD1GLWH Datasheet
271Kb / 5P
1A, 400V - 600V ESD Capability Rectifier
Version: B2312
More results

Similar Description - TSD1GLW

ManufacturerPart #DatasheetDescription
logo
Bruckewell Technology L...
SUF140L BWTECH-SUF140L Datasheet
395Kb / 4P
Surface Mount ESD Capability Rectifiers 1.0 Amp 400V
logo
Taiwan Semiconductor Co...
S1GFL TSC-S1GFL Datasheet
440Kb / 6P
1A, 400V - 1000V Surface Mount Rectifier
TSD1G TSC-TSD1G Datasheet
316Kb / 6P
1A, 400V ESD Capability Rectifier
TSD2G TSC-TSD2G Datasheet
280Kb / 6P
2A, 400V ESD Capability Rectifier
TSD3G TSC-TSD3G Datasheet
314Kb / 6P
3A, 400V ESD Capability Rectifier
TSDGLW TSC-TSDGLW Datasheet
312Kb / 5P
1A, 400V ESD Capability Rectifier
logo
T&S Brass. All Rights R...
S1GMH TS-S1GMH Datasheet
567Kb / 6P
1A, 400V - 600V Standard Surface Mount Rectifier
logo
Taiwan Semiconductor Co...
S1GMH TSC-S1GMH Datasheet
567Kb / 6P
1A, 400V - 600V Standard Surface Mount Rectifier
logo
Shindengen Electric Mfg...
D1F10 SHINDENGEN-D1F10 Datasheet
198Kb / 2P
Rectifier Diode 600V 1A
logo
Silicon Supplies
1N4004 SS-1N4004 Datasheet
283Kb / 2P
400V 1A Standard Rectifier
Rev 1.0 25/08/23
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com