Electronic Components Datasheet Search
  English  ▼

X  

3812 Datasheet(PDF) 2 Page - TT Electronics.

Part # 3812
Description  Ultra-High Value Precision Resistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

3812 Datasheet(HTML) 2 Page - TT Electronics.

  3812 Datasheet HTML 1Page - TT Electronics. 3812 Datasheet HTML 2Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Ultra-High Value Precision Resistors
3810 Series
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronics.com/resistors
BI Technologies IRC Welwyn
Ultra-High Value
Precision Resistors
3810 Series
Ultra-High Value
Precision Resistors
3810 Series
© Welwyn Components Limited Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
Issue D · 03.06
Welwyn Components
Application Notes
Each resistor is packed with a card stating nominal resistance
value at 20±1°C with 100 V applied, selection tolerance,
date and serial number.
Although the glass envelope is an excellent insulant and
would be adequate in a dry atmosphere, the condensation
which occurs in a normal atmosphere will provide a shunt
resistance which will modify the very high resistance value. To
minimise this effect all units are coated with silicone, and it is
essential that this coating is not damaged; any handling
should be by the terminations. For the same reason solvents
must not be used.
The resistors should not be used in a damp atmosphere. If
moisture develops on the body the resistor should be dried
for 30 minutes at 70°C and allowed to cool for a further 30
minutes in a dry atmosphere.
To avoid damage to the seal between terminations and glass,
the leads must be fully supported inside the point of bending
during any preforming.
Guard Band
For details of how to use the guard band, fitted to resistors of
100 G ohms and over,
Non-standard versions
Units without glass envelopes but with lacquer protection are
available, but will have a limited electrical performance.
Measured values at a voltage other than 100V may be
recorded.
Packaging
Each resistor is individually packed in a polythene envelope
together with a card carrying measurement details and serial
number (See Application Notes).
For non-standard items contact TT Electronics.
Voltage coefficient of resistance
ppm/volt
100M
Ω
1T
Ω
100T
Ω
3810
-20
-160
3811
-10
-80
3812
-10
-80
-150
Measured at voltages
of 100 and 500 volts
Ordering Procedure
Example: 3812 at 10 teraohms and 2% tolerance -
3 8 1 2 – 1 0 T G I
Type
Value (use IEC62 code)
Tolerance (use IEC62 code)
F
1%
J 5%
G
2%
K 10%
Packing
I
Individual/Bulk
Standard
Load at rated voltage: 1000 hours at 20°C
∆R%
∆R%
∆R%
pF
pF
3810
3811
1
2
0.2
0.4
0.2
<0.1
Maximum
Typical
Shelf life: 12 months at room temperature
1
Resistance to solder heat
Capacitance
Performance Data
0.5
07.16
General Note
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronicsresistors.com
BI Technologies IRC Welwyn
see
http://www.ttelectronics.com/themes/ttelectronics/datasheets/resistors/literature/3810_AN.pdf
https://www.ttelectronics.com/TTElectronics/media/ProductFiles/Applica-
tion-Note/Glass-Sealed-Ultra-High-Value-Resistors.pdf
04.23
Ordering Procedure
Example: 3812-10TGI (3812, 10 teraohms ±2%, Pb-free)
3
8
1
2
-
1
0
T
G I
1
2
3 4
1
2
3
4
Type
Value
Tolerance
Packing & Finish
3810 E24 = 3/4 characters
M = megohms
G = gigohms
T = teraohms
F = ±1% I = Bulk pack, Pb-free
3811
G = ±2%
3812
J = ±5%
K = ±10%
M = ±20%
OBSOLETE(3812 only)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com