Electronic Components Datasheet Search
  English  ▼

X  

404 Datasheet(PDF) 1 Page - TT Electronics.

Part # 404
Description  Position Sensor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

404 Datasheet(HTML) 1 Page - TT Electronics.

  404 Datasheet HTML 1Page - TT Electronics. 404 Datasheet HTML 2Page - TT Electronics. 404 Datasheet HTML 3Page - TT Electronics. 404 Datasheet HTML 4Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Model 404 Series
Position Sensor
© TT electronics plc
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
TT Electronics | BI Technologies
Circulo de la Amistad #102 PIMSA IV Mexicali B.C. Mexico C.P 21210
Ph: +1 714 447 2345
www.ttelectronics.com/bi-technologies
Issue D
08/2024
Page 1
Applications:
•
Robotics
•
Automotive
•
Heavy equipment
•
Industrial automation
•
Wing flap position
•
Pedal position
•
Satellite dish
•
Electro surgical equipment
Features:
•
Short travel (0.5 inches), linear motion with spring return
•
Accurate position feedback
•
Compact design for small spaces
•
Conductive plastic technology
•
Long life (5 million actuations)
Electrical
Resistance range
1K to 150K Ohms
Standard resistance tolerance
±10%
Minimum practical resistance tolerance
±5%
Independent linearity
±1%
Minimum practical independent linearity
±0.5%
Input voltage
400 VDC maximum, not to exceed power rating
Dielectric strength
1,000 V rms
Insulation resistance
1,000 Megohms minimum
Output smoothness
0.1% maximum at 10” to 18” per minute
Actual electrical travel
0.50” ±0.015” (12.7 mm ±0.38 mm)
Electrical continuity travel
Within mechanical travel
End voltage
Maximum 0.5% of input voltage
Resolution
Essentially infinite
Temperature coefficient of resistance
-400 ppm/°C typical
Temperature coefficient of output voltage
±10 ppm/°C typical
Mechanical
Torque mechanical travel
0.56” ±0.015” (14.2 mm ±0.38 mm)
Actuating force
14 oz. maximum, internal spring to return slider to extended position
Backlash
0.003” maximum
Static stop strength
20 lb. minimum
Body style
Rectangular
Termination style
Turret terminations


Similar Part No. - 404

ManufacturerPart #DatasheetDescription
logo
Bi technologies
404 BITECH-404 Datasheet
242Kb / 3P
Position Sensor
logo
Moxa Inc.
404 MOXA-404 Datasheet
703Kb / 4P
4 and 7-port industrial-grade USB hubs
logo
GS Yuasa Battery Sales ...
404 GSYUASABATTERY-404 Datasheet
248Kb / 1P
Capacity (20-hour) 77Ah
logo
Marathon Special Produc...
404 MARATHON-404 Datasheet
597Kb / 3P
Replace “XX” with 01 through 12 for number of poles 11/16 (.688) pitch
logo
Enercon Technologies Eu...
404 ENERCON-404 Datasheet
692Kb / 3P
Integrated Soldier Power and Data Management System (ISPDS) with Integrated SOM
Jan 25, 2020
More results

Similar Description - 404

ManufacturerPart #DatasheetDescription
logo
Bi technologies
6121 BITECH-6121 Datasheet
495Kb / 3P
Position Sensor
404 BITECH-404 Datasheet
242Kb / 3P
Position Sensor
logo
Melexis Microelectronic...
MLX90333 MELEXIS-MLX90333_17 Datasheet
881Kb / 48P
Position Sensor
logo
Festo Corporation.
189040 FESTO-189040 Datasheet
75Kb / 1P
Position sensor
SMH-S1-HGD16 FESTO-SMH-S1-HGD16 Datasheet
81Kb / 1P
Position sensor
SMH-S1-HGP06 FESTO-SMH-S1-HGP06 Datasheet
73Kb / 1P
Position sensor
SRBS-Q12-8-E270-EP-1-S-M8 FESTO-SRBS-Q12-8-E270-EP-1-S-M8 Datasheet
104Kb / 2P
Position sensor
2393546 FESTO-2393546 Datasheet
106Kb / 2P
Position sensor
2393548 FESTO-2393548 Datasheet
108Kb / 2P
Position sensor
2393549 FESTO-2393549 Datasheet
111Kb / 2P
Position sensor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com