Electronic Components Datasheet Search
  English  ▼

X  

628 Datasheet(PDF) 4 Page - TT Electronics.

Part # 628
Description  Resistors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

628 Datasheet(HTML) 4 Page - TT Electronics.

  628 Datasheet HTML 1Page - TT Electronics. 628 Datasheet HTML 2Page - TT Electronics. 628 Datasheet HTML 3Page - TT Electronics. 628 Datasheet HTML 4Page - TT Electronics. 628 Datasheet HTML 5Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
— Resistor (Per Circuit) —
Model
Package
A
B
J
627
1.28
0.32
0.16
0.16
628
1.28
0.32
0.16
0.16
Packaging
Standard:
Tape & Reel
Conforms to requirements of EIA-481.
All units orientated with lead #1 to the left of direction of feed.
Tape
Width =
Pocket =
Pitch =
24mm
Embossed Plastic, Antistatic
12mm
Reel:
Diameter =
Capacity =
13” (300mm) Maximum
2,000 Units
Option:
Magazines
Conforms to EIA and JEDEC standards.
All units orientated with lead #1 to the same side.
Magazine:
Magazine: Capacity = 50 Units
Typical Part Marking
Power Dissipation, Watts At 70°C
Glenrothes,FifeKY74NX,UK
Telephone:+44(0)1592662200•Facsimile:+44(0)1592662299•Website:www.bitechnologies.com•Email:sales@bitechnologies.co.uk
627,628SeriesIssueNov2008
MODELS627,628



 



627
1.28
0.32
0.16
0.16
628
1.28
0.32
0.16
0.16
—Resistor(PerCircuit)—

  Tape&Reel
 ConformstorequirementsofEIA481.
  Allunitsorientatedwithlead#1totheleftofdirectionoffeed.
 Tape: Width=24mm

Pocket=EmbossedPlastic,Antistatic

Pitch=12mm
 Reel: Diameter=13”(300mm)Maximum

Capacity=2,000Units


 Magazines
  ConformstoEIAandJEDECstandards.
  Allunitsorientatedwithlead#1tothesameside.



Magazine:Capacity=50Units




628A330
8A330
628A331
8A331
628J221/331
8J08
Manufacturer’sTrademark
DateCode
PartMarking
Lead#1Indicator
Models 627, 628
Model 627, 628 Series
Make Possible
07.14
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronicsresistors.com
627 OBSOLETE



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com