Electronic Components Datasheet Search
  English  ▼

X  

TSM4415 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TSM4415
Description  30V P-Channel MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSM4415 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TSM4415 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSM4415 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSM4415 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSM4415 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Preliminary
TSM4415
30V P-Channel MOSFET
1/1
Version: Preliminary
SOP-8
Features
●
Advance Trench Process Technology
●
High Density Cell Design for Ultra Low On-resistance
Application
●
Load Switch
●
PA Switch
Ordering Information
Part No.
Package
Packing
TSM4415CS RL
SOP-8
2.5kpcs/13” reel
Absolute Maximum Rating (Ta = 25 oC unless otherwise noted)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
-30
V
Gate-Source Voltage
VGS
±25
V
Continuous Drain Current, VGS @4.5V.
ID
-8
A
Pulsed Drain Current, VGS @4.5V
IDM
-30
A
Continuous Source Current (Diode Conduction)
a,b
IS
-1
A
Ta = 25
oC
3
Maximum Power Dissipation
Ta = 70
oC
PD
2.1
W
Operating Junction Temperature
TJ
+150
oC
Operating Junction and Storage Temperature Range
TJ, TSTG
- 55 to +150
oC
Thermal Performance
Parameter
Symbol
Limit
Unit
Junction to Foot (Drain) Thermal Resistance
RӨJF
30
oC/W
Junction to Ambient Thermal Resistance (PCB mounted)
RӨJA
75
oC/W
Notes:
a. Pulse width limited by the Maximum junction temperature
b. Surface Mounted on FR4 Board, t ≤ 5 sec.
PRODUCT SUMMARY
VDS (V)
RDS(on)(mΩ)
ID (A)
26 @ VGS = -20V
-8.0
-30
35 @ VGS = -10V
-8.0
Block Diagram
P-Channel MOSFET
Pin Definition:
1. Source 8. Drain
2. Source 7. Drain
3. Source 6. Drain
4. Gate
5, Drain
(1,2,3)
(5,6,7,8)
(4)


Similar Part No. - TSM4415

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
TSM4415CSRL VBSEMI-TSM4415CSRL Datasheet
961Kb / 8P
P-Channel 30-V (D-S) MOSFET
More results

Similar Description - TSM4415

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM3481 TSC-TSM3481 Datasheet
358Kb / 6P
30V P-Channel MOSFET
TSM3401 TSC-TSM3401_07 Datasheet
349Kb / 6P
30V P-Channel MOSFET
TSM4435 TSC-TSM4435_07 Datasheet
358Kb / 6P
30V P-Channel MOSFET
logo
Alpha & Omega Semicondu...
AO3407A AOSMD-AO3407A_11 Datasheet
489Kb / 5P
30V P-Channel MOSFET
logo
shenzhen wanhexing Elec...
AO4411 WHXPCB-AO4411 Datasheet
2Mb / 6P
30V P-Channel MOSFET
logo
Taiwan Semiconductor Co...
TSM4459 TSC-TSM4459 Datasheet
62Kb / 4P
30V P-Channel MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com