Electronic Components Datasheet Search
  English  ▼

X  

628L Datasheet(PDF) 2 Page - TT Electronics.

Part # 628L
Description  Resistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

628L Datasheet(HTML) 2 Page - TT Electronics.

  628L Datasheet HTML 1Page - TT Electronics. 628L Datasheet HTML 2Page - TT Electronics. 628L Datasheet HTML 3Page - TT Electronics. 628L Datasheet HTML 4Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Model 628 L
Model 628 L Series
Outline Dimensions (Inch/mm)
Schematics
.050
1.27
.016
0.41
.310
7.87
Max.
Typ.
.028
0.71
Typ.
.090
2.29
Max.
.008
0.20 Typ.
Typ.
.445
11.30
.008 ± .005
0.20 ± 0.13
.220 ± .005
5.59 ± 0.13
1
2R
R
16
2R
R
2R
R
2R
R
2R
R
2R
R
2R 2R
2R
R
1
2R
R
16
2R
R
2R
R
2R
R
2R
R
2R
R
2R 2R
2R
R
Model 628 L
8 Bits, 16 Leads
Model 628 LN
8 Bits, 16 Leads
Note: Custom circuits are available. Consult factory.
Note: Maximum Allowable Mold Excursion = 0.006”
BI Technologies IRC Welwyn
07.14
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronics.com/resistors
OBSOLETE



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com