Electronic Components Datasheet Search
  English  ▼

X  

688 Datasheet(PDF) 4 Page - TT Electronics.

Part # 688
Description  Nichrome Resistor Networks on Ceramic Substrates
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

688 Datasheet(HTML) 4 Page - TT Electronics.

  688 Datasheet HTML 1Page - TT Electronics. 688 Datasheet HTML 2Page - TT Electronics. 688 Datasheet HTML 3Page - TT Electronics. 688 Datasheet HTML 4Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Nichrome Resistor Networks
on Ceramic Substrates
Model 688 Series
www.bitechnologies.com www.irctt.com www.welwyn-tt.com
General Note
TT electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT electronics’ own data and is considered accurate at time of going to print.
© TT electronics plc
10.13
Packaging
Ordering Information
Standard:
Magazines
All units oriented with lead #1 to the same side.
Magazine:
Capacity = 50 units
Option
Embossed Tape & Reel
Option:
Magazines
Conforms to EIA and JEDEC standards.
All units oriented with lead #1 to the same side.
Reel:
Diameter =
Capacity =
7” Reel
500 Units
13” Reel
1,500 Units
68 8 A
5002 B
LF 7
Model
Number of Leads:
8 = 16 Leads
Circuit Type:
A = Isolated
B = Bussed
Packaging Option:
7 = 7” Reel Diameter
13 = 13” Reel Diameter
(No code used for Magazines.)
Lead Finish:
LF=Lead Free (RoHS)
Accuracy Code
Resistance Code:
First 3 digits are significant.
Last digit denotes the number of trailing zeros.
Typical Marking
Lot Number
688- A
1234
5002
YY MM
Date Code
Resistance Code
Circuit Type
FRONT
OBSOLETE



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com