Electronic Components Datasheet Search
  English  ▼

X  

690 Datasheet(PDF) 1 Page - TT Electronics.

Part # 690
Description  Nichrome Resistor Networks on Ceramic Substrates
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

690 Datasheet(HTML) 1 Page - TT Electronics.

  690 Datasheet HTML 1Page - TT Electronics. 690 Datasheet HTML 2Page - TT Electronics. 690 Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Nichrome Resistor Networks
on Ceramic Substrates
Model 694, 698, 699 Series
www.bitechnologies.com www.irctt.com www.welwyn-tt.com
General Note
TT electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT electronics’ own data and is considered accurate at time of going to print.
© TT electronics plc
10.13
• Isolated, bussed and other circuits
• Thin film resistor network
• 0.300” PDIP packages
• RoHS compliant
Precision Nichrome Resistors on Ceramic
Passivation coating provides protection in humid environments
Excellent frequency response
Excellent long term resistance stability
Industry Standard Packaging
JEDEC 95, MS-001
(Plastic DIP 0.300 inch wide in 8, 14 and 16 lead pin counts)
Ratio Tolerances
< ± 0.05%
TCR Tracking Tolerances
< ± 5 ppm/°C
Standard Resistance Range2
1K ohms to 100K ohms (Isolated)
1K ohms to 45K ohms (Bussed)
TCR3
± 25 ppm/°C
TCR Tracking3
± 5 ppm/°C
Operating Temperature Range
-55°C to +125°C
Interlead Capacitance
< 2pF
Insulation Resistance
≥ 10,000 Megohms
Maximum Operating Voltage
100 Vdc or
√ PR
Noise, Maximum (MIL-STD-202, Method 308)
-40 dB
Resistor Power Rating at 70°C
0.1 Watts
Features
Schematics
Electrical1
1 Specifications subject to change without notice.
2 E96 codes available.
3 Standard limits for all resistance codes.
BI Technologies Corporation
4200 Bonita Place
Fullerton, CA 92835 USA
Website: www.bitechnologies.com
May 29, 2008
page 1 of 3
BI technologies












Precision Nichrome Resistors on Ceramic
Passivation coating provides protection in humid environments
Excellent frequency response
Excellent long term resistance stability
Industry Standard Packaging
JEDEC 95, MS-001
(Plastic DIP 0.300 inch wide in 8, 14 and 16 lead pin counts)
Ratio Tolerances
< ± 0.05%
TCR Tracking Tolerances
< ± 5 ppm/°C













Standard Resistance Range
2
1K ohms to 100K ohms (Isolated)
1K ohms to 45K ohms (Bussed)
TCR
3
± 25 ppm/°C
TCR Tracking
3
± 5 ppm/°C
Operating Temperature Range
-55°C to +125°C
Interlead Capacitance
< 2pF
Insulation Resistance
 10,000 Megohms
Maximum Operating Voltage
100 Vdc or
 PR
Noise, Maximum (MIL-STD-202, Method 308)
-40 dB
Resistor Power Rating at 70°C
0.1 Watts
1
Specifications subject to change without notice.
2
E96 codes available.
3 Standard limits for all resistance codes.
Not Recommended for New Designs
For alternative see http://www.irctt.com/file.aspx?product_id=225&file_type=datasheet
OBSOLETE


Similar Part No. - 690

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
690 MARL-690 Datasheet
338Kb / 4P
UL Certified - Certificate Number 20120419-E349017 High Intensity LED Panel Indicator
logo
Belden Inc.
690 BELDEN-690 Datasheet
493Kb / 4P
Fast Ethernet Cat5e Data Double-Ended Cordset
02-03-2025
logo
List of Unclassifed Man...
690-008-221-013 ETC2-690-008-221-013 Datasheet
113Kb / 1P
USB CONNECTOR A TYPE, RIGHT ANGLE, DOUBLE DECK
690-009-521-013 ETC2-690-009-521-013 Datasheet
523Kb / 3P
USB-A RECEPTACLE 90 DIP, 3.0 VERSION
690-009-521-313 ETC2-690-009-521-313 Datasheet
523Kb / 3P
USB-A RECEPTACLE 90 DIP, 3.0 VERSION
More results

Similar Description - 690

ManufacturerPart #DatasheetDescription
logo
ACCUTEK MICROCIRCUIT CO...
AK06G-R3S ACCUTEK-AK06G-R3S_09 Datasheet
100Kb / 3P
RESISTOR NETWORKS
AK06G-R5L ACCUTEK-AK06G-R5L_09 Datasheet
114Kb / 4P
RESISTOR NETWORKS
AK06G-R5T ACCUTEK-AK06G-R5T_09 Datasheet
112Kb / 4P
RESISTOR NETWORKS
AK06G-R8DTL ACCUTEK-AK06G-R8DTL_09 Datasheet
124Kb / 4P
RESISTOR NETWORKS
AK6G-R2RL ACCUTEK-AK6G-R2RL_09 Datasheet
150Kb / 4P
RESISTOR NETWORKS
logo
UNIOHM CORPORATION
RN8A102J UNIOHM-RN8A102J Datasheet
3Mb / 2P
Resistor Networks
logo
List of Unclassifed Man...
698-3-R100KB ETC-698-3-R100KB Datasheet
199Kb / 3P
Nichrome Resistor Networks on Ceramic Substrates
L081S105LF ETC2-L081S105LF Datasheet
169Kb / 5P
Resistor Networks
logo
TT Electronics.
628-L TTELEC-628-L Datasheet
181Kb / 4P
Resistor Networks
NQS TTELEC-NQS Datasheet
149Kb / 5P
Resistor Networks
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com