Electronic Components Datasheet Search
  English  ▼

X  

0802696 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0802696
Description  EMLP (EX30)R SR CUS - Label
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0802696 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0802696 Datasheet HTML 1Page - PHOENIX CONTACT 0802696 Datasheet HTML 2Page - PHOENIX CONTACT 0802696 Datasheet HTML 3Page - PHOENIX CONTACT 0802696 Datasheet HTML 4Page - PHOENIX CONTACT 0802696 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Label, can be ordered: by line, silver, labeled according to customer specifications, mounting
type: adhesive, text field height: 30 mm, text field width: 20000 mm
Your advantages
The EMLP (Ex...)R ... self-adhesive continuous markers are particularly well suited to marking miniature circuit breakers and housing covers in
service panels
•
The markers meet the same standards as the engraved labels, they provide high-quality visuals
•
The thermal transfer printer cutting units make it possible to trim precisely to the required length
•
When combined with the right ink ribbon, the marking is highly resistant to solvents and mechanical influences
•
Labeling service: Phoenix Contact can custom-label all EMLP ... markers in accordance with your requirements
•
Commercial data
Item number
0802696
Packing unit
1 pc
Minimum order quantity
1 pc
Note
Made to order (non-returnable)
Product key
BG8141
GTIN
4046356791809
Weight per piece (including packing)
1.99 g
Weight per piece (excluding packing)
1.99 g
Country of origin
PL
EMLP (EX30)R SR CUS - Label
0802696
https://www.phoenixcontact.com/us/products/0802696
Jun 17, 2025, 7:29AM
Page 1 (5)


Similar Part No. - 0802696

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0802690 PHOENIX-0802690 Datasheet
195Kb / 7P
EMLP (17,5X15)R CUS - Label
0802691 PHOENIX-0802691 Datasheet
185Kb / 5P
EMLP (17,5X15)R SR CUS - Label
0802692 PHOENIX-0802692 Datasheet
189Kb / 7P
EMLP (EX15)R CUS - Label
0802694 PHOENIX-0802694 Datasheet
180Kb / 5P
EMLP (EX15)R SR CUS - Label
0802695 PHOENIX-0802695 Datasheet
190Kb / 7P
EMLP (EX30)R CUS - Label
More results

Similar Description - 0802696

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0803436 PHOENIX-0803436 Datasheet
42Kb / 2P
Plastic label - EMLP (EX30)R RD
0801729 PHOENIX-0801729 Datasheet
47Kb / 3P
Plastic label - EMLP (60X30)R SR
0802687 PHOENIX-0802687 Datasheet
44Kb / 2P
Plastic label - EMLP (EX15)R SR
0802688 PHOENIX-0802688 Datasheet
47Kb / 3P
Plastic label - EMLP (EX30)R
0802689 PHOENIX-0802689 Datasheet
44Kb / 2P
Plastic label - EMLP (EX30)R SR
0824547 PHOENIX-0824547 Datasheet
50Kb / 2P
Plastic label - UC-EMLP (11X9) CUS
0824562 PHOENIX-0824562 Datasheet
55Kb / 2P
Plastic label - UC-EMLP (60X30) CUS
0828097 PHOENIX-0828097 Datasheet
48Kb / 3P
Plastic label - UC-EMLP (20X8) SR
1014309 PHOENIX-1014309 Datasheet
44Kb / 2P
Magnetic label - PMM (EX30)R
1014310 PHOENIX-1014310 Datasheet
44Kb / 2P
Magnetic label - PMM (EX30)R SR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com