Electronic Components Datasheet Search
  English  ▼

X  

SHT4X Datasheet(PDF) 19 Page - Sensirion AG Switzerland

Part # SHT4X
Description  4th Gen. Relative Humidity and Temperature Sensor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSIRION [Sensirion AG Switzerland]
Direct Link  https://www.sensirion.com/
Logo SENSIRION - Sensirion AG Switzerland

SHT4X Datasheet(HTML) 19 Page - Sensirion AG Switzerland

Back Button SHT4X Datasheet HTML 15Page - Sensirion AG Switzerland SHT4X Datasheet HTML 16Page - Sensirion AG Switzerland SHT4X Datasheet HTML 17Page - Sensirion AG Switzerland SHT4X Datasheet HTML 18Page - Sensirion AG Switzerland SHT4X Datasheet HTML 19Page - Sensirion AG Switzerland SHT4X Datasheet HTML 20Page - Sensirion AG Switzerland SHT4X Datasheet HTML 21Page - Sensirion AG Switzerland SHT4X Datasheet HTML 22Page - Sensirion AG Switzerland SHT4X Datasheet HTML 23Page - Sensirion AG Switzerland Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
www.sensirion.com / D1
Version 7.1 – March 2025
19 / 24
8
Tape and Reel Packaging
All specifications for the tape and reel packaging can be found on Figure 21. Reel diameters are 13 inch and
7 inch for the 10k and the 2.5k packaging sizes, respectively.
Figure 21. Tape and reel specifications including sensor orientation in pocket (see indication of two sensors
on the right side of the tape).
Figure 22. Tape and reel specification including sensor orientation in pocket of sensor with membrane
option.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com