Electronic Components Datasheet Search
  English  ▼

X  

B25 Datasheet(PDF) 2 Page - TT Electronics.

Part # B25
Description  Single Turn Trimmer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

B25 Datasheet(HTML) 2 Page - TT Electronics.

  B25 Datasheet HTML 1Page - TT Electronics. B25 Datasheet HTML 2Page - TT Electronics. B25 Datasheet HTML 3Page - TT Electronics. B25 Datasheet HTML 4Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Single Turn Trimmer
Model B25
© TT electronics plc
Issue 06/2023
Page 2
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
TT Electronics | BI Technologies
Circulo de la Amistad #102 PIMSA IV Mexicali B.C. Mexico C.P 21210
Ph: + 1 (714) 447-2345
www.ttelectronics.com/bi-technologies
Ordering Information
Packaging Information
Circuit Diagram
Standard Resistance Values, Ohms
100
200
500
1K
2K
5K
10K
20K
50K
100K
200K
500K 1MEG
B25
P
R
10K
LF
Model Series
RoHS Compliant Code
Pin Style
Resistance Value
P - Top Adjust, Staggered Leads
See Std Values below
U - Top Adjust, Inline Leads
W - Top Adjust, Tight Staggered Leads
Resistance Prefix
S - Side Adjust, Staggered Leads
X - Side Adjust, Alternate Staggered
Leads
V - Side Adjust, Inline Leads
Standard: Tubes. 50 units each. All units oriented with #1 pin to same side
Marking Information
Parts marked with two letter date code, “25”, Pin Style and Value.
P style example below:



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com