Electronic Components Datasheet Search
  English  ▼

X  

BB1111DI Datasheet(PDF) 3 Page - TT Electronics.

Part # BB1111DI
Description  Resistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

BB1111DI Datasheet(HTML) 3 Page - TT Electronics.

  BB1111DI Datasheet HTML 1Page - TT Electronics. BB1111DI Datasheet HTML 2Page - TT Electronics. BB1111DI Datasheet HTML 3Page - TT Electronics. BB1111DI Datasheet HTML 4Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Part Number
Resistor Number
Resistor value (Ω)
Array
Pitch (mm)
Tape/Reel
Capacity 7”
Tape/Reel
Capacity 13”
BB1110TB
R1/R2
50/25
3X9
1.0
1000
4000
BB1111TB
R1/R2
25/22
3X9
1.0
1000
4000
BB1112TB
R1/R2
60/25
3X9
1.0
1000
4000
BB1113TB
R1/R2
60/60
3X9
1.0
1000
4000
BB1110B
R1
50
3X9
1.0
1000
4000
BB1111B
R1
100
3X9
1.0
1000
4000
BB1112B
R1
25
3X9
1.0
1000
4000
BB1110DI
R1
25
4X9
1.0
1000
4000
BB1111DI
R1
22
4X9
1.0
1000
4000
BB11112DI
R1
33
4X9
1.0
1000
4000
BB11113DI
R1
47
4X9
1.0
1000
4000
BB1110I
R1
25
3X9
1.0
1000
4000
Ordering Information
Application Notes
Add 7 for 7-inch reel or 13 for 13-inch reel to part number.
Example:
BB1110B7 (1000 parts packaged in 7 inch reel)
BB1110B13 (4000 parts packaged in 13 inch reel)
Schematics per JEDEC Standard No. 8-9B.
SSTL_2, Class I, symmetrically single parallel terminated output load, and series resistor
BB2110DI
BB1110B
07.14
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronicsresistors.com
BB1110TB, BB1110B, BB1110I
and BB2110DI DDR SDRAM Terminator Networks
BB 1110 / 2110 Series
Make Possible
OBSOLETE



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com